công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPT5400SCP bảng dữ liệu(PDF) 2 Page - Cadeka Microcircuits LLC.

tên linh kiện SPT5400SCP
Giải thích chi tiết về linh kiện  13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CADEKA [Cadeka Microcircuits LLC.]
Trang chủ  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT5400SCP bảng dữ liệu(HTML) 2 Page - Cadeka Microcircuits LLC.

  SPT5400SCP Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT5400SCP Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT5400SCP Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT5400SCP Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT5400SCP Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT5400SCP Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT5400SCP Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT5400SCP Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
5/15/00
SPT5400
ELECTRICAL SPECIFICATIONS
VDD = +5 V, VSS = –5 V, REFxx = 4.096 V, AGNDxx = GND = 0 V, RL = 10 kΩ, CL = 50 pF, TA = TMIN to TMAX, unless otherwise
specified. Typical values are at TA = +25 °C.
TEST
TEST
SPT5400
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
UNITS
DC Performance
Resolution
13
Bits
Integral Linearity
VI
±0.5
±4.0
LSB
Differential Linearity
Guaranteed Monotonic
VI
±1.0
LSB
Zero Code Error1
VI
±10.0
±20
LSB
Gain Error2
VI
±1.0
±15
LSB
Power Supply Rejection Ratio3
∆Gain/∆VDD
VI
±0.0025
%/%
∆Gain/∆VSS
VI
±0.0025
%/%
Load Regulation
RL = ∞ to 10 kΩ
V
±0.4
LSB
Reference Input
Ref Input Range4,5
IV
AGND
VDD
V
Ref Input Resistance5
VI
5
k
Ω
Analog Output
Maximum Output Voltage
V
VDD – 0.5
V
Minimum Output Voltage
V
VSS + 0.5
V
Output Slew Rate
V
2.4
V/
µs
Output Settling Time6
To
±1/2 LSB of Full Scale
V
7.0
µs
Digital Feedthrough
V
5
nV-s
Digital Crosstalk
V
50
nV-s
Digital Inputs (VDD = 5 V ±5%)
Input Voltage High
VI
2.4
V
Input Voltage Low
VI
0.8
V
Input Current (VIN = 0 V or VDD)
VI
10.0
µA
Input Capacitance
IV
10
pF
Power Supplies
Positive Supply Range (VDD)
VI
4.75
5.25
V
Negative Supply Range (VSS)
VI
–5.25
–4.75
V
Positive Supply Current
VI
15
25
mA
Negative Supply Current
VI
16
25
mA
Power Dissipation7
VI
155
250
mW
ABSOLUTE MAXIMUM RATINGS (Beyond which damage may occur)1 25
°C
Note 1: Operation at any Absolute Maximum Rating is not implied. Operation beyond the ratings may cause damage to the
device. See Electrical Specifications for proper nominal applied conditions in typical applications.
Supply Voltages
VDD to GND ............................................. –0.3 to +6 V
VSS to GND ............................................. –6 to +0.3 V
AGNDxx ..................... (GND – 0.3 V) to (VDD + 0.3 V)
Input Voltages
Digital Input Voltage to GND .. –0.3 V to (VDD + 0.3 V)
REFxx .................. (AGNDxx – 0.3 V) to (VDD + 0.3 V)
Maximum Current into REFxx Pin .................
±10 mA
Output
VOUTxx ...................................................... VDD to VSS
Temperature
Operating Temperature, Ambient .............. 0 to +70
°C
Junction Temperature .................................... +165
°C
Lead Temperature, (soldering 10 seconds) ... +300
°C
Storage Temperature .......................... –65 to +150
°C
Power Dissipation ....................................... 1000 mW
1
Deviation of actual DAC output when all 0s are loaded to the DAC from the ideal output of –4.096 V.
2
Deviation of actual DAC output span from the ideal span of 8.191 V.
3
PSSR is tested by changing the respective supply voltage by
±5%.
4
For best performance, REF should be greater than AGND + 2 V and less than VDD – 0.6 V. The device operates
with reference inputs outside this range, but performance may degrade.
5
Reference input resistance is code dependent.
6
Typical settling time with 1000 pF capacitive load is 8
µs.
7
Does not include reference power.



Html Pages

1 2 3 4 5 6 7 8