công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPT5240SIT bảng dữ liệu(PDF) 1 Page - Cadeka Microcircuits LLC.

tên linh kiện SPT5240SIT
Giải thích chi tiết về linh kiện  10-bit, 400 MWPS Current Output Digital-to-Analog Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CADEKA [Cadeka Microcircuits LLC.]
Trang chủ  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT5240SIT bảng dữ liệu(HTML) 1 Page - Cadeka Microcircuits LLC.

  SPT5240SIT Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT5240SIT Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT5240SIT Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT5240SIT Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT5240SIT Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT5240SIT Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT5240SIT Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT5240SIT Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT5240SIT Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
REV. 1 June 2003
Features
• 400 MWPS update rate
• Complementary current outputs
• +3.3 V power supply
• Low power dissipation:
149mW (typ) @ƒCLK = 400MHz and 12mA output
• Excellent AC performance:
SFDR = 58dBc for ƒCLK = 400MHz and ƒOUT = 1.27 MHz
• Internal reference
Applications
• Battery-operated devices
• Portable RF devices
• Set top boxes
• Video displays
• Broadband RF
• High-speed test equipment
Description
The SPT5240 is a 10-bit digital-to-analog converter that
performs at an update rate of 400M words per second. The
architecture achieves excellent high-frequency performance
with very low power dissipation. This makes it ideal for all
types of battery-operated equipment requiring high-speed
digital-to-analog conversion.
The SPT5240 operates over an extended industrial
temperature range from -40°C to +85°C and is available in a
32-lead LQFP package.
SPT5240
10-bit, 400 MWPS Current Output
Digital-to-Analog Converter
Functional Block Diagram
D0 – D9
IOP
ION
CLK
ISET
DVDD
AVDD
PWD
DGND
AGND
10-bit
Current Output
DAC
10 Bits
Reference
Circuit
www.cadeka.com


Số phần tương tự - SPT5240SIT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
SPT5240 FAIRCHILD-SPT5240 Datasheet
102Kb / 10P
10-bit, 400 MWPS Current Output Digital-to-Analog Converter
More results

Mô tả tương tự - SPT5240SIT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
SPT5240 FAIRCHILD-SPT5240 Datasheet
102Kb / 10P
10-bit, 400 MWPS Current Output Digital-to-Analog Converter
logo
Texas Instruments
ADS5474 TI-ADS5474 Datasheet
1Mb / 38P
14-Bit, 400-MSPS Analog-to-Digital Converter
DAC5675-EP TI1-DAC5675-EP Datasheet
1Mb / 27P
14-Bit 400-MSPS Digital-to-Analog Converter
MSC1202Y3RHHTG4 TI1-MSC1202Y3RHHTG4 Datasheet
1Mb / 92P
Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
ADS5474 TI1-ADS5474_14 Datasheet
1Mb / 41P
14-Bit, 400-MSPS Analog-to-Digital Converter
logo
Analog Devices
AD9726 AD-AD9726_15 Datasheet
411Kb / 24P
16-Bit, 400 MSPS Digital-to-Analog Converter
REV. B
logo
Texas Instruments
DAC5675-EP TI-DAC5675-EP_15 Datasheet
1Mb / 28P
14-Bit 400-MSPS Digital-to-Analog Converter
DAC6571EVM TI1-DAC6571EVM Datasheet
732Kb / 25P
INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
ADC101C021 TI1-ADC101C021_15 Datasheet
1Mb / 44P
10-Bit Analog-to-Digital Converter
DAC5675 TI1-DAC5675 Datasheet
424Kb / 27P
14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10