công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

APT64GA90B bảng dữ liệu(PDF) 2 Page - Microsemi Corporation

tên linh kiện APT64GA90B
Giải thích chi tiết về linh kiện  High Speed PT IGBT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT64GA90B bảng dữ liệu(HTML) 2 Page - Microsemi Corporation

  APT64GA90B Datasheet HTML 1Page - Microsemi Corporation APT64GA90B Datasheet HTML 2Page - Microsemi Corporation APT64GA90B Datasheet HTML 3Page - Microsemi Corporation APT64GA90B Datasheet HTML 4Page - Microsemi Corporation APT64GA90B Datasheet HTML 5Page - Microsemi Corporation APT64GA90B Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Dynamic Characteristics
TJ = 25°C unless otherwise specified
1 Repetitive Rating: Pulse width and case temperature limited by maximum junction temperature.
2 Pulse test: Pulse Width < 380μs, duty cycle < 2%.
3 See Mil-Std-750 Method 3471.
4 R
G is external gate resistance, not including internal gate resistance or gate driver impedance. (MIC4452)
5 E
on2 is the clamped inductive turn on energy that includes a commutating diode reverse recovery current in the IGBT turn on energy loss. A combi device is used for the
clamping diode.
6 E
off is the clamped inductive turn-off energy measured in accordance with JEDEC standard JESD24-1.
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
APT64GA90B_S
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
C
ies
Input Capacitance
Capacitance
V
GE = 0V, VCE = 25V
f = 1MHz
3525
pF
C
oes
Output Capacitance
318
C
res
Reverse Transfer Capacitance
53
Q
g
3
Total Gate Charge
Gate Charge
V
GE = 15V
V
CE= 450V
I
C = 38A
162
nC
Q
ge
Gate-Emitter Charge
26
Q
gc
Gate- Collector Charge
64
SSOA
Switching Safe Operating Area
T
J = 150°C, RG = 4.7Ω
4
, V
GE = 15V,
L= 100uH, V
CE = 900V
193
A
t
d(on)
Turn-On Delay Time
Inductive Switching (25°C)
V
CC = 600V
V
GE = 15V
I
C = 38A
R
G = 4.7Ω
4
T
J = +25°C
18
ns
t
r
Current Rise Time
26
t
d(off)
Turn-Off Delay Time
131
t
f
Current Fall Time
104
E
on2
Turn-On Switching Energy
1192
μJ
E
off
6
Turn-Off Switching Energy
1088
t
d(on
Turn-On Delay Time
Inductive Switching (125°C)
V
CC = 600V
V
GE = 15V
I
C = 38A
R
G = 4.7Ω
4
T
J = +125°C
17
ns
t
r
Current Rise Time
27
t
d(off)
Turn-Off Delay Time
181
t
f
Current Fall Time
171
E
on2
Turn-On Switching Energy
1857
μJ
E
off
6
Turn-Off Switching Energy
2311



Html Pages

1 2 3 4 5 6