| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
APT50GP60LDLG bảng dữ liệu(PDF) 1 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
APT50GP60LDLG bảng dữ liệu(HTML) 1 Page - Microsemi Corporation |
|
1 / 9 page ![]() APT50GP60LDL(G) TYPICAL PERFORMANCE CURVES MAXIMUM RATINGS All Ratings: T C = 25°C unless otherwise specified. STATIC ELECTRICAL CHARACTERISTICS Characteristic / Test Conditions Collector-Emitter Breakdown Voltage (V GE = 0V, I C = 1.0mA) Gate Threshold Voltage (V CE = V GE , I C = 1mA, T j = 25°C) Collector-Emitter On Voltage (V GE = 15V, I C = 50A, T j = 25°C) Collector-Emitter On Voltage (V GE = 15V, I C = 50A, T j = 125°C) Collector Cut-off Current (V CE = 600V, V GE = 0V, T j = 25°C) 2 Collector Cut-off Current (V CE = 600V, V GE = 0V, T j = 125°C) 2 Gate-Emitter Leakage Current (V GE = ±20V) Symbol V (BR)CES V GE(TH) V CE(ON) I CES I GES Units Volts µA nA Symbol V CES V GE I C1 I C2 I CM SSOA P D T J ,T STG T L Ratings 600 ±30 150 72 190 190A @ 600V 625 -55 to 150 300 UNIT Volts Amps Watts °C Parameter Collector-Emitter Voltage Gate-Emitter Voltage Continuous Collector Current 7 @ T C = 25°C Continuous Collector Current @ T C = 110°C Pulsed Collector Current 1 Switching Safe Operating Area @ T J = 150°C Total Power Dissipation Operating and Storage Junction Temperature Range Max. Lead Temp. for Soldering: 0.063" from Case for 10 Sec. CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed. MIN TYP MAX 600 3 4.5 6 2.2 2.7 2.1 525 2750 ±100 The POWER MOS 7® IGBT used in this resonant mode combi is a new generation of high voltage power IGBTs. Using Punch Through Technology this IGBT is ideal for many high frequency, high voltage switching applications and has been optimized for high frequency switchmode power supplies. APT50GP60LDL(G) 600V, 50A, VCE(ON) = 2.2V Typical Resonant Mode Combi IGBT® C E G Features • Low Conduction Loss • Low Gate Charge • Ultrafast Tail Current shutoff • Low forward Diode Voltage (V F) • Ultrasoft Recovery Diode • SSOA Rated • RoHS Compliant Typical Applications • Induction Heating • Welding • Medical • High Power Telecom • Resonant Mode Phase Shifted Bridge Microsemi Website - http://www.microsemi.com G C E |
Số phần tương tự - APT50GP60LDLG |
|
Mô tả tương tự - APT50GP60LDLG |