| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WBC-R0202GS-01-1002-B bảng dữ liệu(PDF) 3 Page - IRC - a TT electronics Company. |
|
|
|||||||||||||||||||||||||||||
WBC-R0202GS-01-1002-B bảng dữ liệu(HTML) 3 Page - IRC - a TT electronics Company. |
|
3 / 3 page ![]() IRC Advanced Film Division © IRC Advanced Film Division • Corpus Christi Texas 78411 USA Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Email: afdsales@irctt.com • Website: www.irctt.com WBC Series Issue April 2006 Wire Bondable Chip Resistors Environmental Data Prefix WBC - RO2O2 A S - 01 - 1002 - F B Style R0202 = Discrete Element B0202 = Discrete Element with Back Contact T0303 = Tapped Network Bonding pads A = Aluminum; G = Gold Backside G = Gold; S = Silicon TCR/Inspection Code Reference TCR/Inspection Code Table Total Resistance (R) 4-Digit Resistance Code Ex: 1002 = 10K Ω; 50R1 = 50.1Ω Absolute Tolerance Code K = ±10%; J = ±5%; G = ±2%; F = ±1%; D = ±0.5%; C = ±0.25%; B = ±0.1% Ratio Tolerance Code (T0303 Only) J = ±5%; G = ±2%; F = ±1%; D = 0.5%; C = ±0.25%; B = ±0.1%; A = ±0.05% Packaging Standard packaging is 2˝ x 2˝ chip tray. For additional information or to discuss your specific requirements, please contact our Applications Team using the contact details below. Ordering Data Method Max ∆R Typical ∆R Thermal Shock MIL-STD-202 Method 107 Test condition F ±0.1% ±0.02% High Temperature Exposure MIL-STD-883 Method 1008 150°C, 1000 hours ±0.1% ±0.05% Low Temperature Storage -55°C, 1000 hours ±0.03% ±0.01% Life MIL-STD-202 Method 108 70°C, 1000 hours ±0.5% ±0.01% Life at Elevated Temperature MIL-STD-202 Method 108 125°C, 1000 hours ±0.5% ±0.05% |