công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HS-7002 bảng dữ liệu(PDF) 49 Page - BOSER Technology Co., Ltd

tên linh kiện HS-7002
Giải thích chi tiết về linh kiện  800MHz FSB Pentium짰 4 Industrial Single Board Computer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BOSER [BOSER Technology Co., Ltd]
Trang chủ  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-7002 bảng dữ liệu(HTML) 49 Page - BOSER Technology Co., Ltd

Back Button HS-7002 Datasheet HTML 45Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 46Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 47Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 48Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 49Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 50Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 51Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 52Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 53Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 78 page
background image
43
Chapter 5
Software Utilities
This chapter contains the detailed information of IDE, VGA, LAN and
Audio driver installation procedures. The utility disk that came with the
delivery package contains an auto-run program that invokes the
installation programs for the IDE, VGA, LAN and Audio drivers. The
following sections describe the installation procedures of each driver
based on Win 95/98, Win 2000 and Win NT operating systems. It is
recommended that you install the drivers matching the sections listed
in this chapter.
5.1
IDE Driver Installation
5.1.1 Installing Intel Chipset Software Utility
1.
Insert Utility CD Disk into your CD ROM drive. The main menu
will pop up as shown below. Select on the HS-7002 button to
launch the installation program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78