| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RL55C1002F bảng dữ liệu(PDF) 1 Page - IRC - a TT electronics Company. |
|
|
|||||||||||||||||||||||||||||
RL55C1002F bảng dữ liệu(HTML) 1 Page - IRC - a TT electronics Company. |
|
1 / 2 page ![]() General Note IRC reserves the right to make changes in product specification without notice or liability. All information is subject to IRC’s own data and is considered accurate at time of going to print. A subsidiary of TT electronics plc • 4222 South Staples Street • Corpus Christi Texas 78411 USA Wire and Film Technologies Division Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com RN Series • 1/8 watt to 1/2 watt • 10 ohms to 1M ohms • 0.1% to 1% tolerance • MIL-R-10509 ±25 ppm/°C to ±100 Precision Mil-Qualified Metal Glaze™ Resistor Electrical Data MIL Type Marking Tolerance (±%) T.C. (ppm/°C) Power Rating (watts) Resistance Range (ohms) Nominal Size Max Voltage Rating RN50C* Stamp 1 50 1/20 @ 125°C 10 to 100K 1/8W 200 RN55D Stamp 1 100 1/8 @ 70°C 10 to 301K 1/4W 200 RN55C Stamp 0.1, 0.5, 1 50 1/10 @ 125°C 49.9 to 100K 1/4W 200 RN55E Stamp 0.1, 0.5, 1 25 1/10 @ 125°C 49.9 to 100K 1/4W 200 RN60D Stamp 1 100 1/4 @ 70°C 10 to 1M 1/2W 300 RN60C Stamp 0.1, 0.5, 1 50 1/8 @ 125°C 49.9 to 499K 1/2W 250 RN60E Stamp 0.1, 0.5, 1 25 1/8 @ 125°C 49.9 to 499K 1/2W 250 * Conformally coated construction on all 1/8 nominal sizes. Test Conditions MIL-R-10509 Test Limits Allowed RN55 Max. % ΔR (±3σ) RN55 (D) RN55 (C) T0-55 T2-55 Temperature Coefficient (ppm/°C) +200/-500 ±50 ±100 ±50 Low Temperature Operation ±0.50% ±0.25% ±0.10% ±0.10% Temperature Cycling ±0.50% ±0.25% ±0.10% ±0.10% Moisture Resistance ±1.50% ±0.50% ±0.50% ±0.50% Short Time Overload ±0.50% ±0.25% ±0.10% ±0.10% Load Life (70°C-1/2W, 125°C-1/100W) 1000 hours ±1.00% ±0.50% ±0.30% ±0.20% Terminal Strength ±0.20% ±0.20% ±0.05% ±0.05% Effect of Soldering ±0.50% ±0.10% ±0.10% ±0.10% Shock ±0.50% ±0.25% ±0.05% ±0.05% Vibration ±0.50% ±0.25% ±0.05% ±0.05% High Temperature Exposure (150°C No Load) N/A N/A ±0.50% ±0.50% 2X Rated Power for 10,000 hours @ 70°C N/A N/A ±0.50% ±0.50% Temperature Rise @ 1/4W Power Load - - See Temperature Rise Chart Dielectric Strength ±0.50% ±0.25% ±0.05% ±0.05% Environmental Data Tough molded jacket Metal Glaze thick film element fired at 1000°C to solid ceramic core Tin-lead electroplated copper leads Spiraled or laser helixed to resistance value, tolerance High temperature soldered termination-lead assembly Digital marking per MIL-R-10509 RN Series Issue March 2009 Sheet 1 of 2 |
Số phần tương tự - RL55C1002F |
|
Mô tả tương tự - RL55C1002F |