| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BNC-RBP1 bảng dữ liệu(PDF) 11 Page - DDK Ltd. |
|
|
|||||||||||||||||||||||||||||
BNC-RBP1 bảng dữ liệu(HTML) 11 Page - DDK Ltd. |
|
11 / 13 page ![]() ● ● BNC Series Unit : mm ■ Bulkhead Receptacle P/N Finish Note Shell Contact UG-657/U Ag Ag Moisture-Proof Type with flange and O ring UG-657/U-Ni Ni Ag Moisture-Proof Type with flange and O ring P/N Finish Shell Contact UG-1094/U Ag Ag UG-1094/U-D1 Ni Au P/N Finish Note Shell Contact BNC-RBP1 Ag Ag Moisture-Proof Type with flange and O ring BNC-RBP1-Ni Ni Ag Moisture-Proof Type with flange and O ring Hex.12.7 Panel Thickness:2.2 ~ 6.0 33 15.1 2.44 8.8 +0.1 -0 φ9.92 +0.1 -0 Mounting Hole φ9.6 +0.1 -0 Panel Thickness:2.2 ~ 3.1 27 11.9 1.2 Hex.12.7 Mounting Hole Hex.12.7 32.6 15.2 2.5 Panel Thickness:2.6 ~ 6.4 8.5 +0.1 -0 φ9.6 +0.1 -0 Mounting Hole 11 |