công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CE01 bảng dữ liệu(PDF) 7 Page - DDK Ltd.

tên linh kiện CE01
Giải thích chi tiết về linh kiện  Waterproof Connectors with Crimp Contacts Comptatible with JIS-B-6015
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DDK [DDK Ltd.]
Trang chủ  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CE01 bảng dữ liệu(HTML) 7 Page - DDK Ltd.

Back Button CE01 Datasheet HTML 2Page - DDK Ltd. CE01 Datasheet HTML 3Page - DDK Ltd. CE01 Datasheet HTML 4Page - DDK Ltd. CE01 Datasheet HTML 5Page - DDK Ltd. CE01 Datasheet HTML 6Page - DDK Ltd. CE01 Datasheet HTML 7Page - DDK Ltd. CE01 Datasheet HTML 8Page - DDK Ltd. CE01 Datasheet HTML 9Page - DDK Ltd. CE01 Datasheet HTML 10Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Unit:mm
http://www.ddknet.co.jp
CE01 Series
7
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
 Your checking the latest specifications with our drawings would be highly appreciated.
○ Waterproof Cable Clamp
CE3057- □□ A- □ - D
①②
③
① Clamp Size
10, 12 and 16
② Bushing Size
Rubber Bushing (Refer to the applicable
cable size.)
③ Finish
D : Black Trivalent Chromium Treatment
* CE3057- □□ A- □ -D is a waterproof cable clamp for use with D/MS(D190), CE01 and CE02 plugs.
The main body is the same as D/MS3057A- □□ . The cable clamp has a waterproof rubber bushing.
Make sure to use a cabtyre cable meeting one of the applicable cable size ranges as shown in the chart.
The cable clamp should be used together with the waterproof backshell.
Part Number
Applicable
Shell Size
A
B
C
(D)
E
F
G
V
Bushing P/N
Applicable Cable
CE3057-10A-1-D
18
23.83 30.1 10.31 (41.3) 15.8
14.1
31.7
1-20UNEF-2B
CE3420-10-1
φ 10.5 ∼φ 14.1
CE3057-10A-2-D
11.0
CE3420-10-2
φ 8.5 ∼φ 11
CE3057-10A-3-D
8.7
CE3420-10-3
φ 6.5 ∼φ 8.7
CE3057-12A-1-D
20
22
23.83 35.0 10.31 (41.3) 19.0
16.0
37.3
1 3/16-18UNEF-2B
CE3420-12-1
φ 12.5 ∼φ 16
CE3057-12A-2-D
13.0
CE3420-12-2
φ 9.5 ∼φ 13
CE3057-12A-3-D
10.0
CE3420-12-3
φ 6.8 ∼φ 10
CE3057-12A-7-D
17.0
CE3420-12-7
φ 14.5 ∼φ 17
CE3057-16A-1-D
24
28
26.19 42.1 10.31 (41.3) 23.8
19.1
42.9
1 7/16-18UNEF-2B
CE3420-16-1
φ 15 ∼φ 19.1
CE3057-16A-2-D
15.5
CE3420-16-2
φ 13 ∼φ 15.5
CE3057-16A-4-D
21.5
CZY005-GB-3
φ 19.1 ∼φ 21.5
CE3057-16A-6-D
20.0
CE3420-16-6
φ 18.5 ∼φ 20
CE3057-16A-7-D
13.5
CE3420-16-7
φ 11.5 ∼φ 13.5
CE3057-16A-8-D
12.5
CZY005-GB-5
φ 10.5 ∼φ 12.5
Material
Finish
Cable Clamp Body and Metal Fastener
Aluminum Alloy
Black Trivalent Chromium Treatment
Bushing
Synthetic Rubber
Black
(D)
C
1.5
A
∅E
V Thread
(Outer Dimension of Bushing)
D/MS3057- □□ A
①
Part Number
Applicable
Shell Size
A
B
C
D
E
G
V
Bushing P/N
D/MS3057-10A
18
23.83
30.1
10.3
15.9
14.3
31.7
1-20UNEF
AN3420-10
D/MS3057-12A
20, 22
23.83
35.0
10.3
19.0
15.9
37.3
1 3/16-18UNEF
AN3420-12
D/MS3057-16A
24, 28
26.19
42.1
10.3
23.8
19.1
42.9
1 7/16-18UNEF
AN3420-16
①
Clamp Size
10, 12 and 16
A
C
∅D
V Thread
E
(Inner Dimension
of Bushing)
(Inner Dimension
of Cable Clamp)
Material
Finish
Cable Clamp Body and Metal Fastener
Aluminum Alloy
Black Trivalent Chromium Treatment
Bushing
Synthetic Rubber
Black
○ Cable Clamp
MATERIAL / FINISH
D/MS3057- □□ A is an accessory which is used together with a backshell to fasten the cable.
The cable is fixed in the center of the cable clamp for sure since the cable is fixed from both directions
with two pieces of the metal clamps and the screws. The jacketed cable can be used with this cable clamp
as well because a rubber bushing shown on the table above is inserted.
*
MATERIAL / FINISH



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com