công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTC3554EPD bảng dữ liệu(PDF) 24 Page - Linear Technology

tên linh kiện LTC3554EPD
Giải thích chi tiết về linh kiện  Micropower USB Power Manager with Li-Ion Charger and Two Step-Down Regulators
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LTC3554EPD bảng dữ liệu(HTML) 24 Page - Linear Technology

Back Button LTC3554EPD Datasheet HTML 20Page - Linear Technology LTC3554EPD Datasheet HTML 21Page - Linear Technology LTC3554EPD Datasheet HTML 22Page - Linear Technology LTC3554EPD Datasheet HTML 23Page - Linear Technology LTC3554EPD Datasheet HTML 24Page - Linear Technology LTC3554EPD Datasheet HTML 25Page - Linear Technology LTC3554EPD Datasheet HTML 26Page - Linear Technology LTC3554EPD Datasheet HTML 27Page - Linear Technology LTC3554EPD Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
LTC3554
24
3554f
OPERATION
Inductor value should be chosen based on the desired
output voltage. See Table 2. Table 3 shows several
inductors that work well with the step-down switching
regulators. These inductors offer a good compromise
in current rating, DCR and physical size. Consult each
manufacturer for detailed information on their entire
selection of inductors.
Larger value inductors reduce ripple current, which
improves output ripple voltage. Lower value inductors
result in higher ripple current and improved transient
response time, but will reduce the available output cur-
rent. To maximize efficiency, choose an inductor with a
low DC resistance.
Choose an inductor with a DC current rating at least 1.5
times larger than the maximum load current to ensure that
the inductor does not saturate during normal operation.
If output short circuit is a possible condition, the induc-
tor should be rated to handle the maximum peak current
specified for the step-down converters.
Different core materials and shapes will change the size/cur-
rent and price/current relationship of an inductor. Toroid
or shielded pot cores in ferrite or permalloy materials
are small and do not radiate much energy, but generally
cost more than powdered iron core inductors with similar
electrical characteristics. Inductors that are very thin or
have a very small volume typically have much higher core
Table 3. Recommended Inductors for Step-Down Switching Regulators
INDUCTOR PART NO.
L (μH)
MAX IDC (A)
MAX DCR (Ω)
SIZE (L × W × H) (mm)
MANUFACTURER
1117AS-4R7M
1117AS-6R8M
1117AS-100M
4.7
6.8
10
0.64
0.54
0.45
0.18*
0.250*
0.380*
3.0 × 2.8 × 1.0
Toko
www.toko.com
CDRH2D11BNP-4R7N
CDRH2D11BNP-6R8N
CDRH2D11BNP-100N
4.7
6.8
10
0.7
0.6
0.48
0.248
0.284
0.428
3.0 × 3.0 × 1.2
Sumida
www.sumida.com
SD3112-4R7-R
SD3112-6R8-R
SD3112-100-R
4.7
6.8
10
0.8
0.68
0.55
0.246*
0.291*
0.446*
3.1 × 3.1 × 1.2
Cooper
www.cooperet.com
EPL2014-472ML_
EPL2014-682ML_
EPL2014-103ML_
4.7
6.8
10
0.88
0.8
0.6
0.254
0.316
0.416
2.0 × 1.8 × 1.4
Coilcraft
www.coilcraft.com
* = Typical DCR
Table 1. Ceramic Capacitor Manufacturers
AVX
www.avxcorp.com
Murata
www.murata.com
Taiyo Yuden
www.t-yuden.com
Vishay Siliconix
www.vishay.com
TDK
www.tdk.com
Table 2. Choosing the Inductor Value
DESIRED OUTPUT VOLTAGE
RECOMMENDED INDUCTOR VALUE
1.8V or Less
10μH
1.8V to 2.5V
6.8μH
2.5V to 3.3V
4.7μH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com