công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CY8C20121 bảng dữ liệu(PDF) 29 Page - Cypress Semiconductor

tên linh kiện CY8C20121
Giải thích chi tiết về linh kiện  CapSense Express-One Button and Two Button Capacitive Controllers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20121 bảng dữ liệu(HTML) 29 Page - Cypress Semiconductor

Back Button CY8C20121 Datasheet HTML 25Page - Cypress Semiconductor CY8C20121 Datasheet HTML 26Page - Cypress Semiconductor CY8C20121 Datasheet HTML 27Page - Cypress Semiconductor CY8C20121 Datasheet HTML 28Page - Cypress Semiconductor CY8C20121 Datasheet HTML 29Page - Cypress Semiconductor CY8C20121 Datasheet HTML 30Page - Cypress Semiconductor CY8C20121 Datasheet HTML 31Page - Cypress Semiconductor CY8C20121 Datasheet HTML 32Page - Cypress Semiconductor CY8C20121 Datasheet HTML 33Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
PRELIMINARY
CY8C20111, CY8C20121
Document Number: 001-53516 Rev. **
Page 29 of 34
11.3.6 DC Flash Write Specifications
This table lists guaranteed maximum and minimum specifications for the voltage and temperature ranges: 4.75V to 5.25V and
-40°C<TA<85°C, 3.10V to 3.6V and -40°C<TA<85°C or 2.4V to 2.90V and -40°C<TA<85°C, respectively. Typical parameters apply to
5V, 3.3V, or 2.7V at 25°C. These are for design guidance only. Flash Endurance and Retention specifications are valid only within the
range: 25°C±20°C during the Flash Write operation. It is at the user’s own risk to operate out of this temperature range. If Flash writing
is done out of this temperature range, the endurance and data retention reduces.
11.4 CapSense Electrical Characteristics
Symbol
Description
Min
Typ
Max
Units
Notes
VddIWRITE Supply Voltage for Flash Write Operations
[6]
2.7
–
–
V
IDDP
Supply Current for Flash Write Operations
–
5
25
mA
FlashENPB Flash Endurance
50,000
–
–
–
Erase/write cycles
FlashDR
Flash Data Retention
10
–
–
Years
Max (V)
Typ (V)
Min (V)
Conditions for Supply Voltage
Result
3.6
3.3
3.1
<2.9
The device automatically reconfigures itself to work in 2.7V
mode of operation.
>2.9 or <3.10
This range is not recommended for CapSense usage.
2.90
2.7
2.45
<2.45V
The scanning for CapSense parameters shuts down until
the voltage returns to over 2.45V.
>3.10
The device automatically reconfigures itself to work in 3.3V
mode of operation.
<2.4V
The device goes into reset.
5.25
5.0
4.75
<4.73V
The scanning for CapSense parameters shuts down until
the voltage returns to over 4.73V.
Note
7. Commands involving Flash Writes (0x01, 0x02, 0x03) must be executed only within the same VCC voltage range detected at POR (power on, or command 0x06) and
above 2.7V.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com