công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CY7C025-35AI bảng dữ liệu(PDF) 17 Page - Cypress Semiconductor

tên linh kiện CY7C025-35AI
Giải thích chi tiết về linh kiện  4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C025-35AI bảng dữ liệu(HTML) 17 Page - Cypress Semiconductor

Back Button CY7C025-35AI Datasheet HTML 13Page - Cypress Semiconductor CY7C025-35AI Datasheet HTML 14Page - Cypress Semiconductor CY7C025-35AI Datasheet HTML 15Page - Cypress Semiconductor CY7C025-35AI Datasheet HTML 16Page - Cypress Semiconductor CY7C025-35AI Datasheet HTML 17Page - Cypress Semiconductor CY7C025-35AI Datasheet HTML 18Page - Cypress Semiconductor CY7C025-35AI Datasheet HTML 19Page - Cypress Semiconductor CY7C025-35AI Datasheet HTML 20Page - Cypress Semiconductor CY7C025-35AI Datasheet HTML 21Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
CY7C024/024A/0241
CY7C025/0251
Document #: 38-06035 Rev. *D
Page 17 of 21
Ordering Information (4K x16 Dual-Port SRAM)
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
15
CY7C024–15AC
A100
100-Pin Thin Quad Flat Pack
Commercial
CY7C024-15AXC
A100
100-Pin Pb Free Thin Quad Flat Pack
CY7C024–15JC
J83
84-Pin Plastic Leaded Chip Carrier
CY7C024-15JXC
J83
84-Pin Pb Free Plastic Leaded Chip Carrier
25
CY7C024–25AC
A100
100-Pin Thin Quad Flat Pack
Commercial
CY7C024-25AXC
A100
100-Pin Pb Free Thin Quad Flat Pack
CY7C024–25JC
J83
84-Pin Plastic Leaded Chip Carrier
CY7C024A-25JXC
J83
84-Pin Pb Free Plastic Leaded Chip Carrier
CY7C024–25AI
A100
100-Pin Thin Quad Flat Pack
Industrial
CY7C024-25AXI
A100
100-Pin Pb Free Thin Quad Flat Pack
CY7C024–25JI
J83
84-Pin Plastic Leaded Chip Carrier
CY7C024-25JXI
J83
84-Pin Pb Free Plastic Leaded Chip Carrier
35
CY7C024–35AC
A100
100-Pin Thin Quad Flat Pack
Commercial
CY7C024-35AXC
A100
100-Pin Pb Free Thin Quad Flat Pack
CY7C024–35JC
J83
84-Pin Plastic Leaded Chip Carrier
CY7C024-35JXC
J83
84-Pin Pb Free Plastic Leaded Chip Carrier
CY7C024–35AI
A100
100-Pin Thin Quad Flat Pack
Industrial
CY7C024-35AXI
A100
100-Pin Pb Free Thin Quad Flat Pack
CY7C024–35JI
J83
84-Pin Plastic Leaded Chip Carrier
CY7C024-35JXI
J83
84-Pin Pb Free Plastic Leaded Chip Carrier
55
CY7C024–55AC
A100
100-Pin Thin Quad Flat Pack
Commercial
CY7C024-55AXC
A100
100-Pin Pb Free Thin Quad Flat Pack
CY7C024–55JC
J83
84-Pin Plastic Leaded Chip Carrier
CY7C024-55JXC
J83
84-Pin Pb Free Plastic Leaded Chip Carrier
CY7C024–55AI
A100
100-Pin Thin Quad Flat Pack
Industrial
CY7C024-55AXI
A100
100-Pin Pb Free Thin Quad Flat Pack
CY7C024–55JI
J83
84-Pin Plastic Leaded Chip Carrier
CY7C024-55JXI
J83
84-Pin Pb Free Plastic Leaded Chip Carrier
Ordering Information (8K x 16 Dual-Port SRAM)
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
15
CY7C025–15AC
A100
100-Pin Thin Quad Flat Pack
Commercial
CY7C025-15AXC
A100
100-Pin Pb Free Thin Quad Flat Pack
CY7C025–15JC
J83
84-Pin Plastic Leaded Chip Carrier
CY7C025-15JXC
J83
84-Pin Pb Free Plastic Leaded Chip Carrier
CY7C025–15AI
A100
100-Pin Thin Quad Flat Pack
Industrial
CY7C025-15AXI
A100
100-Pin Pb Free Thin Quad Flat Pack
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com