| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA5630 bảng dữ liệu(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA5630 bảng dữ liệu(HTML) 5 Page - STMicroelectronics |
|
5 / 7 page ![]() STA5630 Package information Doc ID 16055 Rev 1 5/7 3 Package information In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. Figure 2. VFQFPN32 (5x5x1.0 mm) mechanical data and package dimensions OUTLINE AND MECHANICAL DATA DIM. mm inch MIN. TYP. MAX. MIN. TYP. MAX. A 0.800 0.900 1.000 0.031 0.035 0.039 A 0.800 0.900 1.000 0.0315 0.0354 0.0394 A1 0.020 0.050 0.0008 0.0020 A3 0.200 0.0079 b 0.180 0.250 0.300 0.0071 0.0098 0.0118 D 4.850 5.000 5.150 0.1909 0.1969 0.2028 D2 3.500 3.600 3.700 0.1378 0.1417 0.1457 E 4.850 5.000 5.150 0.1909 0.1969 0.2028 E2 3.500 3.600 3.700 0.1378 0.1417 0.1457 e 0.500 0.0197 L 0.300 0.400 0.500 0.0118 0.0157 0.0197 ddd 0.050 0.0020 VFQFPN32 (5x5x1.0mm) Very Fine Quad Flat Package No lead 7376875 F |