công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PEP01-5841 bảng dữ liệu(PDF) 6 Page - STMicroelectronics

tên linh kiện PEP01-5841
Giải thích chi tiết về linh kiện  Power over ethernet power supply protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PEP01-5841 bảng dữ liệu(HTML) 6 Page - STMicroelectronics

Back Button PEP01-5841 Datasheet HTML 2Page - STMicroelectronics PEP01-5841 Datasheet HTML 3Page - STMicroelectronics PEP01-5841 Datasheet HTML 4Page - STMicroelectronics PEP01-5841 Datasheet HTML 5Page - STMicroelectronics PEP01-5841 Datasheet HTML 6Page - STMicroelectronics PEP01-5841 Datasheet HTML 7Page - STMicroelectronics PEP01-5841 Datasheet HTML 8Page - STMicroelectronics PEP01-5841 Datasheet HTML 9Page - STMicroelectronics PEP01-5841 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Application
PEP01-5841
6/10
Doc ID 15657 Rev 2
Figure 11.
Typical application circuit with external PMOS
Figure 10 and 11 shows typical application schematics of PoE network. Power sourcing
equipment (PSE) allows communication and power sourcing for several power devices (PD).
The number of ways is generally a multiple of 4, this optimizes the PEP01-5841 for track
layout and crosstalk, as well as PCB surface occupation. This protection device has been
studied to comply with the latest IEEE 802.3af-2003 requirements and to withstand the
surge defined in the IEC 61000-4-5 level 4 requirements.
- 48V
PSE
controller
- 48V
PSE
controller



Html Pages

1 2 3 4 5 6 7 8 9 10