| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF8534AU/DA/1 bảng dữ liệu(PDF) 15 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8534AU/DA/1 bảng dữ liệu(HTML) 15 Page - NXP Semiconductors |
|
15 / 47 page ![]() PCF8534A_5 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 05 — 6 August 2009 15 of 47 NXP Semiconductors PCF8534A Universal LCD driver for low multiplex rates 7.4.4 1:4 Multiplex drive mode When four backplanes are provided in the LCD, the 1:4 multiplex drive mode applies, as shown in Figure 10. Vstate1(t) = VSn(t) − VBP0(t). Von(RMS) = 0.577VLCD. Vstate2(t) = VSn(t) − VBP1(t). Voff(RMS) = 0.333VLCD. Fig 10. Waveforms for the 1:4 multiplex drive mode with 1 ⁄ 3 bias mgl749 state 1 BP0 (b) Resultant waveforms at LCD segment. LCD segments state 2 BP1 state 1 state 2 BP2 (a) Waveforms at driver. BP3 Sn Sn+1 Sn+2 Sn+3 Tfr VSS VLCD 2VLCD / 3 VLCD / 3 VSS VLCD 2VLCD / 3 VLCD / 3 VSS VLCD 2VLCD / 3 VLCD / 3 VSS VLCD 2VLCD / 3 VLCD / 3 VSS VLCD 2VLCD / 3 VLCD / 3 VSS VLCD 2VLCD / 3 VLCD / 3 VSS VLCD 2VLCD / 3 VLCD / 3 0 V VLCD 2VLCD / 3 −2VLCD / 3 VLCD / 3 −VLCD / 3 −VLCD 0 V VLCD 2VLCD / 3 −2VLCD / 3 VLCD / 3 −VLCD / 3 −VLCD VSS VLCD 2VLCD / 3 VLCD / 3 |