| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MF3ICD21 bảng dữ liệu(PDF) 10 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MF3ICD21 bảng dữ liệu(HTML) 10 Page - NXP Semiconductors |
|
10 / 15 page ![]() MF3ICD21_41_81_SDS_2 © NXP B.V. 2009. All rights reserved. Product short data sheet Rev. 02 — 6 March 2009 10 of 15 NXP Semiconductors MF3ICD21, MF3ICD41, MF3ICD81 MIFARE DESFire EV1 contactless multi-application IC Remark: All command and data frames are exchanged between MIFARE DESFire EV1 and PCD by using block format as defined in ISO/IEC 14443-4. 9.7 MIFARE DESFire EV1 command set - ISO/IEC 7816 APDU commands The MIFARE DESFire EV1 provides the following commands according to ISO/IEC 7816-4: – INS code ‘A4’ SELECT – INS code ‘B0’ READ BINARY – INS code ‘D6’ UPDATE BINARY – INS code ‘B2’ READ RECORDS – INS code ‘E2’ APPEND RECORD – INS code ‘84’ GET CHALLENGE – INS code ‘88’ INTERNAL AUTHENTICATE – INS code ‘82’ EXTERNAL AUTHENTICATE 9.7.1 ISO/IEC 7816-4 APDU message structure DESFire supports the APDU message structure according to ISO/IEC 7816-4 for: – an optional wrapping of the native DESFire APDU format – additionally implemented ISO/IEC 7816-4 commands Find more information on the ISO/IEC 7816-4 commands in Ref. 1. Clear RecordFile resets a Cyclic or Linear Record file to empty state Commit Transaction validates all previous write accesses on Backup Data files, Value files and Record files within one application Abort Transaction invalidates all previous write accesses on Backup Data files, Value files and Record files within one application Table 9. Data manipulation commands …continued Command Description |