| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LRC-LRF3W-01-R020-J bảng dữ liệu(PDF) 3 Page - IRC - a TT electronics Company. |
|
|
|||||||||||||||||||||||||||||
LRC-LRF3W-01-R020-J bảng dữ liệu(HTML) 3 Page - IRC - a TT electronics Company. |
|
3 / 3 page ![]() LRF3W Series Issue July 2008 Advanced Film Division • 4222 South Staples Street • Corpus Christi Texas 78411 USA Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com Prefix LRC - LRF3WLF - 01 - R020 - F Model LRF3W = 3 watt chip with standard Sn/Pb termination LRF3WLF = 3 watt chip with Pb-free (matte tin) termination TCR Code Resistance Code 4-Digit resistance code Example: R050 = 0.050Ω; R005 = 0.005Ω Tolerance Code K = ±10%; J = ±5%; G = ±2%; F = ±1% For additional information or to discuss your specific requirements, please contact our Applications Team using the contact details below. Power Derating Curve Ordering Data Physical Data Low Range 3 Watt SMT Chip Resistor |