công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LAS-32001DLF bảng dữ liệu(PDF) 1 Page - IRC - a TT electronics Company.

tên linh kiện LAS-32001DLF
Giải thích chi tiết về linh kiện  Low Cost Semi-Precision Power Wirewound Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IRCTT [IRC - a TT electronics Company.]
Trang chủ  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

LAS-32001DLF bảng dữ liệu(HTML) 1 Page - IRC - a TT electronics Company.

  LAS-32001DLF Datasheet HTML 1Page - IRC - a TT electronics Company. LAS-32001DLF Datasheet HTML 2Page - IRC - a TT electronics Company. LAS-32001DLF Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Low Cost Semi-Precision
Power Wirewound Resistor
LAS Series
• 1 and 3 watts
• 0.1 ohm to 18K ohms
• Color band identification
• ±5%, ±3%, ±1%, ±.5% tolerance
• Resistance wire TCR ±20 ppm/°C
• RoHS-compliant version available
Electrical Data
IRC
Type
Power Rating 275°C
Max. Hot Spot
Commercial Range
(ohms)
Non-Inductive Range
(ohms)
Available Resistance
(ohms)
125°C
25°C
Min.
Max.
Min.
Max.
0.5%, 1%
3%, 5%
LAS-1
1
2
0.1
7.5K
0.1
3.8K
1 - 7.5K
0.1 - 7.5K
LAS-3
2
3
0.1
18K
0.2
7.5K
1 - 18K
0.1 - 18K
Test Condition (@ 25°C)
Max
∆R
Load Life 1000 hours
1.0%
Moisture Resistance
1.0%
Temperature Cycle
0.5%
Short Time Overload
0.5%
Low Temperature Operation
0.5%
Solder Heat
0.25%
Shock
0.5%
Vibration
0.5%
Environmental Data
����������
������������
����������������
�����������������
��������
�����������������
���������
�������
��������������������������
��������������������������������
������������������������������
LAS Series Issue October 2008 Sheet 1 of 3
LAS-3 Carbon Comp Replacement (contact factory)
The LAS-3 is a three watt conformal coated precision wirewound resistor. The resistance wire is welded to the end caps and
wound on alumina rod for good thermal conductivity. In circuit applications that utilize two watt carbon comp resistors the LAS-3
is an idead effective replacement. The LAS-3 5.6 ohm can be specifically designed to withstand 22 jooules of energy delivered
by a 1000 volt 10 x 1000 usec wave shape pulse.
Special LAS-3 5.6 ohm to 100 ohm will meet
Telecom GR-1089 lightning requirements.
• V = 1000 volts
• T1 = 10 usec rise
• T2 = 1000 usec to V2
• 10 ohm output impedance
MICROSECONDS
T2
LIGHTNING SURGE
T1
0
V2
V


Số phần tương tự - LAS-32001DLF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TT Electronics.
LAS-3 TTELEC-LAS-3 Datasheet
348Kb / 3P
0.1 ohm to 18K ohms
logo
Contrinex AG Industrial...
LAS-3130-109 CONTRINEX-LAS-3130-109 Datasheet
159Kb / 2P
Photoelektrischer N채herungsschalter
LAS-3130-119 CONTRINEX-LAS-3130-119 Datasheet
160Kb / 2P
Photoelektrischer N채herungsschalter
logo
Semtech Corporation
LAS-3840 SEMTECH-LAS-3840 Datasheet
244Kb / 4P
200mA PULSE WIDTH MODULATOR CONTROLLER
LAS-3840P SEMTECH-LAS-3840P Datasheet
244Kb / 4P
200mA PULSE WIDTH MODULATOR CONTROLLER
More results

Mô tả tương tự - LAS-32001DLF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
AS-327R0 ETC1-AS-327R0 Datasheet
103Kb / 2P
SEMI-PRECISION POWER WIREWOUND RESISTOR
logo
Welwyn Components Limit...
AS-1 WELWYN-AS-1 Datasheet
435Kb / 3P
Semi-Precision Power Wirewound Resistor
PPW WELWYN-PPW Datasheet
136Kb / 2P
Semi-Precision Power Wirewound Resistors
logo
IRC - a TT electronics ...
AS-321R0JLF IRCTT-AS-321R0JLF Datasheet
182Kb / 3P
Semi-Precision Power Wirewound Resistor
PPW1015R0HLF IRCTT-PPW1015R0HLF Datasheet
611Kb / 3P
Semi-Precision Power Wirewound Resistor for Pulse & Surge Applications
SPP11001J IRCTT-SPP11001J Datasheet
221Kb / 3P
Low-Cost General Purpose Conformal Coated Wirewound Resistor
T-2B79U49R9 IRCTT-T-2B79U49R9 Datasheet
157Kb / 2P
COMMERCIAL STYLES SEMI-PRECISION POWER WIREWOUND
T1801000F IRCTT-T1801000F Datasheet
198Kb / 4P
Commercial Styles Semi-Precision Power Wirewound Resistors
logo
Bourns Electronic Solut...
W3M22R0J BOURNS-W3M22R0J Datasheet
422Kb / 3P
Wirewound Power Resistor
logo
TT Electronics.
AS3-27KFI TTELEC-AS3-27KFI Datasheet
642Kb / 3P
Semi-Precision Power Wirewound Resistor
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com