công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CX9SCSM2 bảng dữ liệu(PDF) 1 Page - RSG Electronic Components GmbH

tên linh kiện CX9SCSM2
Giải thích chi tiết về linh kiện  14 MHz to 250 MHz Low Profile, Ultra-Miniature Surface Mount AT Quartz Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RSG [RSG Electronic Components GmbH]
Trang chủ  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

CX9SCSM2 bảng dữ liệu(HTML) 1 Page - RSG Electronic Components GmbH

  CX9SCSM2 Datasheet HTML 1Page - RSG Electronic Components GmbH CX9SCSM2 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RSG Electronic Components GmbH - Sprendlinger Landstr. 115 - 63069 Offenbach - Germany - www.rsg-electronic.de
YS
TEM C
ERTIF
IC
A
T
01
DESCRIPTION
Designed and manufactured in the USA, Statek’s CX9SM
AT quartz crystal is the newest device available in frequencies
ranging from 14 MHz to 250 MHz. This device has been
specifically designed for applications requiring a very small
foot print and low profile. It is 4.1 mm x 1.5 mm with a height
under 1 mm.
Using micro-machining processes, this
surface-mountable crystal is hermetically sealed within an
ultra-miniature ceramic package to ensure high stability and
low
aging.
Tight
calibration
and
excellent
frequency/temperature stability make the CX9SM ideally
suited for many high frequency applications.
FEATURES
Low profile (less than 1 mm)
Ultra-miniature, surface mount design
Available with glass or ceramic lid
Hermetically sealed ceramic package
High shock and vibration survival
Excellent aging characteristics
Designed for low power applications
Full military testing available
Designed and manufactured in the USA
APPLICATIONS
Medical
Neurostimulators
Medical Telemetry
Chronic Pain Management
Cochlear Implants
Infusion Pumps
Military & Aerospace
Avionic Indicators and Instrumnts
Cockpit Instrumentation Displays
Data Communications
Survival radio
Industrial, Computer & Communications
Communications
Transmitters
Pulse Generators
Tracking Beacons
Wildlife Telemetry
CX9SM AT CRYSTAL
14 MHz to 250 MHz
Low Profile, Ultra-Miniature
Surface Mount AT Quartz Crystal
10158 - Rev B
™
TYPICAL
MAXIMUM
DIM
inches
mm
inches
mm
A
0.160
4.10
0.170
4.32
B
0.060
1.50
0.068
1.73
C
-
-
see below
D
0.031
0.79
0.038
0.97
THICKNESS (DIM C) MAXIMUM
GLASS LID
CERAMIC LID
MAX
inches
mm
inches
mm
SM1
0.034
0.87
0.035
0.90
SM2/SM4
0.034
0.87
0.035
0.90
SM3/SM5
0.036
0.91
0.037
0.94
TOP
BOTTOM
B
A
C
D
PACKAGE DIMENSIONS
actual size
side view
Pb
glass lid
ceramic lid


Số phần tương tự - CX9SCSM2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STATEK CORPORATION
CX9SM STATEK-CX9SM Datasheet
59Kb / 2P
Low Profile, Ultra-Miniature Surface Mount AT Quartz Crystal
logo
EUROQUARTZ limited
CX9SM EUROQUARTZ-CX9SM Datasheet
117Kb / 1P
Designed for infrared, vapour phase or epoxy mounting
logo
STATEK CORPORATION
CX9SM STATEK-CX9SM Datasheet
146Kb / 2P
Ultra-Miniature Surface Mount AT Quartz Crystal
logo
EUROQUARTZ limited
CX9SM EUROQUARTZ-CX9SM Datasheet
249Kb / 1P
Tape and Reel Dimensions for CX Crystals
logo
STATEK CORPORATION
CX9SM STATEK-CX9SM_13 Datasheet
146Kb / 2P
Ultra-Miniature Surface Mount AT Quartz Crystal
More results

Mô tả tương tự - CX9SCSM2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STATEK CORPORATION
CX6SMAT STATEK-CX6SMAT Datasheet
64Kb / 2P
Ultra-Low Profile Miniature Surface Mount AT Quartz Crystal
CX9SM STATEK-CX9SM Datasheet
59Kb / 2P
Low Profile, Ultra-Miniature Surface Mount AT Quartz Crystal
logo
RSG Electronic Componen...
CX1HGSM RSG-CX1HGSM Datasheet
89Kb / 2P
8 MHz to 250 MHz High Shock Miniature Surface Mount AT Quartz Crystal
CX1SM-AT RSG-CX1SM-AT Datasheet
89Kb / 2P
8 MHz to 250 MHz Miniature Surface Mount AT Quartz Crystal
CX2SM-AT RSG-CX2SM-AT Datasheet
105Kb / 2P
9.6 MHz to 250 MHz Low Profile, Miniature Surface Mount AT Quartz Crystal
CX3SM-AT RSG-CX3SM-AT Datasheet
97Kb / 2P
9.6 MHz to 250 MHz Low Profile Miniature Surface Mount AT Quartz Crystal
CX4SM-AT RSG-CX4SM-AT Datasheet
96Kb / 2P
14 MHz to 250 MHz Ultra-Miniature, Low Profile Surface Mount AT Quartz Crystal
CX6SM-AT RSG-CX6SM-AT Datasheet
98Kb / 2P
9.6 MHz to 250 MHz Ultra-Low Profile Miniature Surface Mount AT Quartz Crystal
logo
STATEK CORPORATION
CX6SM STATEK-CX6SM_08 Datasheet
160Kb / 2P
Ultra-Low Profile Miniature Surface Mount AT Quartz Crystal
CX9 STATEK-CX9 Datasheet
182Kb / 2P
Low Profile, Ultra Miniature Surface Mount AT Quartz Crystal
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com