công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XIO2001 bảng dữ liệu(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện XIO2001
Giải thích chi tiết về linh kiện  Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 bảng dữ liệu(HTML) 17 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 13Page - Texas Instruments XIO2001 Datasheet HTML 14Page - Texas Instruments XIO2001 Datasheet HTML 15Page - Texas Instruments XIO2001 Datasheet HTML 16Page - Texas Instruments XIO2001 Datasheet HTML 17Page - Texas Instruments XIO2001 Datasheet HTML 18Page - Texas Instruments XIO2001 Datasheet HTML 19Page - Texas Instruments XIO2001 Datasheet HTML 20Page - Texas Instruments XIO2001 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 131 page
background image
XIO2001 PCI Express™ to PCI Bus Translation Bridge
www.ti.com
SCPS212B – MAY 2009 – REVISED JULY 2009
Table 2-2. ZAJ Terminals Sorted Alphanumerically
BALL
SIGNAL NAME
BALL
SIGNAL NAME
BALL
SIGNAL NAME
A01
AD7
D06
No ball
G11
VDD_15
A02
AD4
D07
No ball
G12
VSSA
A03
AD3
D08
No ball
G13
TXN
A04
REQ0
D09
No ball
H01
STOP
A05
GNT0
D10
No ball
H02
DEVSEL
A06
GNT1
D11
CLKREQ
H03
IRDY
A07
CLKOUT3
D12
VSSA
H04
No ball
A08
CLKOUT4
D13
RXN
H05
VSS
A09
REQ4
E01
AD13
H06
VDD_33
A10
CLKOUT5
E02
AD12
H07
VDD_33
A11
PCLK66_SEL
E03
AD14
H08
VDD_15
A12
EXT_ARB_EN
E04
No ball
H09
VSS
A13
REFCLK125_SEL
E05
VDD_33
H10
No ball
B01
AD8
E06
VSS
H11
PERST
B02
No ball
E07
VSS
H12
VDDA_15
B03
AD6
E08
VSS
H13
TXP
B04
AD0
E09
VSS
J01
FRAME
B05
CLKOUT0
E10
No ball
J02
TRDY
B06
CLKOUT1
E11
VREG_PD33
J03
PCIR
B07
CLKOUT2
E12
VDD_15
J04
No ball
B08
GNT2
E13
RXP
J05
VSS
B09
GNT3
F01
CLK
J06
VSS
B10
GNT4
F02
AD15
J07
VDD_15
B11
GNT5
F03
C/BE[1]
J08
VDD_15
B12
VSSA
F04
No ball
J09
VSS
B13
REFCLK–
F05
VSS
J10
No ball
C01
AD10
F06
VDD_33
J11
VDD_33
C02
C/BE[0]
F07
VDD_33
J12
VDD_33_AUX
C03
AD5
F08
VDD_33
J13
VSSA
C04
AD2
F09
VSS
K01
C/BE[2]
C05
AD1
F10
No ball
K02
AD19
C06
REQ1
F11
VDD_15
K03
AD17
C07
REQ2
F12
VSS
K04
No ball
C08
REQ3
F13
VSSA
K05
No ball
C09
REQ5
G01
PAR
K06
No ball
C10
CLKOUT6
G02
SERR
K07
No ball
C11
CLKRUN_EN
G03
PERR
K08
No ball
C12
VDDA_33
G04
No ball
K09
No ball
C13
REFCLK+
G05
VSS
K10
No ball
D01
AD11
G06
VDD_33
K11
VDD_33_COMB_IO
D02
AD9
G07
VDD_33
K12
VDD_33_COMB
D03
PCIR
G08
VDD_15
K13
VDD_15
D04
No ball
G09
VSSA
L01
AD16
D05
No ball
G10
No ball
L02
AD20
Submit Documentation Feedback
Overview
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More