| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TUSB2046B bảng dữ liệu(PDF) 13 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TUSB2046B bảng dữ liệu(HTML) 13 Page - Texas Instruments |
|
13 / 21 page ![]() TUSB2046B, TUSB2046BI 4PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE SLLS413B − FEBRUARY 2000 − REVISED DECEMBER 2004 13 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION bus-powered hub, ganged-port power management When used in bus-powered mode, the TUSB2046B supports up to four downstream ports by controlling a TPS2041 device which is capable of supplying 100 mA of current to each downstream port. Bus-powered hubs must implement power switching to ensure current demand is held below 100 mA when the hub is hot-plugged into the system. Utilizing the TPS2041 for ganged-port power management provides overcurrent protection for the downstream ports. The SN75240 transient suppressors reduce inrush current and voltage spikes on the data lines. The OVRCUR signals must be tied together for a ganged operation. |