| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OMAP3530 bảng dữ liệu(PDF) 3 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
OMAP3530 bảng dữ liệu(HTML) 3 Page - Texas Instruments |
|
3 / 239 page ![]() 1.2 SUPPORTS DEFENSE, AEROSPACE, AND MEDICAL APPLICATIONS OMAP3525-HiRel and OMAP3530-HiRel Applications Processors www.ti.com SPRS599 – JUNE 2009 (Bottom) • Test Interfaces – IEEE-1149.1 (JTAG) Boundary-Scan • 1.8-V I/O and 3.0-V (MMC1 only), Compatible 0.975-V to 1.35-V Adaptive Processor Core – Embedded Trace Macro Interface (ETM) Voltage, – Serial Data Transport Interface (SDTI) 0.975-V to 1.35-V Adaptive Core Logic Voltage Note: These are default Operating • 12 32-bit General Purpose Timers Performance Point (OPP) voltages and could • 2 32-bit Watchdog Timers be optimized to lower values using • 1 32-bit Secure Watchdog Timer SmartReflex™ AVS. • 1 32-bit 32-kHz Sync Timer • Applications: • Up to 188 General-Purpose I/O (GPIO) Pins – Portable Navigation Devices (Multiplexed With Other Device Functions) – Portable Media Player • 65-nm CMOS Technology – Advanced Portable Consumer Electronics • Package-On-Package (POP) Implementation – Digital TV for Memory Stacking – Digital Video Camera • Discrete Memory Interface (Not Available in – Portable Data Collection CBC Package) – Point-of-Sale Devices – Gaming • Packages: – Web Tablet – 515-pin s-PBGA package (CBB Suffix), .5mm Ball Pitch (Top), .4mm Ball Pitch – Smart White Goods (Bottom) – Smart Home Controllers – 515-pin s-PBGA package (CBC Suffix), – Ultra Mobile Devices .65mm Ball Pitch (Top), .5mm Ball Pitch • Controlled Baseline • One Assembly/Test Site • One Fabrication Site • Extended Product Life Cycle • Extended Product-Change Notification • Product Traceability Submit Documentation Feedback OMAP3525-HiRel and OMAP3530-HiRel Applications Processors 3 |