công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

INA220 bảng dữ liệu(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện INA220
Giải thích chi tiết về linh kiện  High or Low Side, Bi-Directional CURRENT/POWER MONITOR with Two-Wire Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

INA220 bảng dữ liệu(HTML) 17 Page - Texas Instruments

Back Button INA220 Datasheet HTML 13Page - Texas Instruments INA220 Datasheet HTML 14Page - Texas Instruments INA220 Datasheet HTML 15Page - Texas Instruments INA220 Datasheet HTML 16Page - Texas Instruments INA220 Datasheet HTML 17Page - Texas Instruments INA220 Datasheet HTML 18Page - Texas Instruments INA220 Datasheet HTML 19Page - Texas Instruments INA220 Datasheet HTML 20Page - Texas Instruments INA220 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
Power_LSB=20Current_LSB
Power_LSB=400
10
´
-6
(5)
Max_Current=Current_LSB
32767
´
Max_Current=0.65534
(6)
Max_ShuntVoltage=Max_Current_Before_Overflow
R
´
SHUNT
Max_ShuntVoltage=0.32
(7)
MaximumPower=Max_Current_Before_Overflow
V
´
BUS_MAX
MaximumPower=20.48
(8)
Corrected_Full_Scale_Cal=trunc
Cal
MeasShuntCurrent
INA220_Current
´
Corrected_Full_Scale_Cal=3548
(9)
INA220
www.ti.com ............................................................................................................................................................. SBOS459B – JUNE 2009 – REVISED JUNE 2009
6. Calculate the Power LSB, using Equation 5. Equation 5 shows a general formula; because the bus voltage
measurement LSB is always 4mV, the power formula reduces to the calculated result.
7. Compute the maximum current and shunt voltage values (before overflow), as shown by Equation 6 and
Equation 7. Note that both Equation 6 and Equation 7 involve an If - then condition:
If Max_Current
≥ Max Possible_I then
Max_Current_Before_Overflow = MaxPossible_I
Else
Max_Current_Before_Overflow = Max_Current
End If
(Note that Max_Current is greater than MaxPossible_I in this example.)
Max_Current_Before_Overflow = 0.64 (Note: This result is displayed by software as seen in Figure 20.)
If Max_ShuntVoltage
≥ VSHUNT_MAX
Max_ShuntVoltage_Before_Overflow = VSHUNT_MAX
Else
Max_ShuntVoltage_Before_Overflow= Max_ShuntVoltage
End If
(Note that Max_ShuntVoltage is greater than VSHUNT_MAX in this example.)
Max_ShuntVoltage_Before_Overflow = 0.32 (Note: This result is displayed by software as seen in
Figure 20.)
8. Compute the maximum power with Equation 8.
9. (Optional second Calibration step.) Compute corrected full-scale calibration value based on measured
current.
INA220_Current = 0.63484
MeaShuntCurrent = 0.55
Figure 20 illustrates how to perform the same procedure discussed in this example using the automated
INA220EVM software. Note that the same numbers used in the nine-step example are used in the software
example in Figure 20. Also note that Figure 20 illustrates which results correspond to which step (for example,
the information entered in Step 1 is enclosed in a box in Figure 20 and labeled).
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): INA220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com