công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CDCE62002RHBT bảng dữ liệu(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện CDCE62002RHBT
Giải thích chi tiết về linh kiện  Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

CDCE62002RHBT bảng dữ liệu(HTML) 15 Page - Texas Instruments

Back Button CDCE62002RHBT Datasheet HTML 11Page - Texas Instruments CDCE62002RHBT Datasheet HTML 12Page - Texas Instruments CDCE62002RHBT Datasheet HTML 13Page - Texas Instruments CDCE62002RHBT Datasheet HTML 14Page - Texas Instruments CDCE62002RHBT Datasheet HTML 15Page - Texas Instruments CDCE62002RHBT Datasheet HTML 16Page - Texas Instruments CDCE62002RHBT Datasheet HTML 17Page - Texas Instruments CDCE62002RHBT Datasheet HTML 18Page - Texas Instruments CDCE62002RHBT Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 49 page
background image
OUTPUT TO OUTPUT ISOLATION
CDCE62002
www.ti.com.............................................................................................................................................................. SCAS882A – JUNE 2009 – REVISED JULY 2009
Measurement Method
1.
Connect output 1 to the phase noise and Spectrum analyzer.
2.
Measure spurious on Outputs 1.
3.
Enable aggressor channel 0
4.
Measure spurious on Output 1
5.
The difference between the spurious levels of Outputs 1 before and after enabling the aggressor channel determine the output-to-output
isolation performance recorded.
Table 4. Output to Output Isolation
WORST CASE SPUR
UNIT
The Output to Output Isolation was tested at 3.3V supply and 25°C ambient temperature (Default Configuration):
Output 1
Measured Channel
In LVDS Signaling at 125MHz
-70
dB
Output 0
Aggressor Channel
LVPECL 156.25MHz
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): CDCE62002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com