| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ZXGD3102T8 bảng dữ liệu(PDF) 10 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
ZXGD3102T8 bảng dữ liệu(HTML) 10 Page - Diodes Incorporated |
|
10 / 15 page ![]() Issue 3, January 2009 10 www.diodes.com ©Diodes Incorporated 2008 ZXGD3102T8 Active OR’ing or N+1 redundancy In normal operation, power supply A and B share the load for maximum reliability. Power supply A supports the load if power supply B fails and vice versa. Blocking diodes protect the load from a faulty power supply affecting the load voltage. The load can be tens of amps. Dissipation in the diodes can be high! The ZXGD3102 is designed to switch the low on-resistance MOSFETs used to replace the blocking diodes. Figure 1: OR’ING with Schottky Diodes |