| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TPS2012APWP bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TPS2012APWP bảng dữ liệu(HTML) 2 Page - Texas Instruments |
|
2 / 22 page ![]() TPS2010A, TPS2011A, TPS2012A, TPS2013A POWER-DISTRIBUTION SWITCHES SLVS189A – DECEMBER 1998 – REVISED NOVEMBER 1999 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 AVAILABLE OPTIONS RECOMMENDED MAXIMUM CONTINUOUS TYPICAL SHORT-CIRCUIT PACKAGED DEVICES TA ENABLE MAXIMUM CONTINUOUS LOAD CURRENT (A) CURRENT LIMIT AT 25 °C (A) SMALL OUTLINE (D)† TSSOP (PWP)‡ 0.2 0.3 TPS2010AD TPS2010APWPR 40 °Cto85°C Active low 0.6 0.9 TPS2011AD TPS2011APWPR – 40 °C to 85°C Active low 1 1.5 TPS2012AD TPS2012APWPR 1.5 2.2 TPS2013AD TPS2013APWPR † The D package is available taped and reeled. Add an R suffix to device type (e.g., TPS2010DR) ‡ The PWP package is only available left-end taped-and-reeled. TPS201xA functional block diagram OUT IN EN GND Current Limit Driver UVLO Charge Pump CS Thermal Sense Power Switch † †Current Sense Terminal Functions TERMINAL NAME NO. D NO. PWP I/O DESCRIPTION EN 4 7 I Enable input. Logic low turns on power switch. GND 1 1 I Ground IN 2, 3 2–6 I Input voltage OUT 5, 6, 7, 8 8–14 O Power-switch output |