| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TPIC46L02DB bảng dữ liệu(PDF) 13 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TPIC46L02DB bảng dữ liệu(HTML) 13 Page - Texas Instruments |
|
13 / 19 page ![]() TPIC46L01, TPIC46L02, TPIC46L03 6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER SLIS055A – NOVEMBER 1996 - REVISED SEPTEMBER 1997 13 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PRINCIPLES OF OPERATION open load The TPIC46L01, TPIC46L02, and TPIC46L03 monitor the drain of each power FET for open-circuit conditions that may exist. The 60- µA current source is provided to monitor open-load fault conditions. Open-load faults are detected when the power FET is turned off. When load impedance is open or substantially high, then the 60- µA current source has adequate drive to pull the drain of T1 below the fault reference threshold on the detection circuit. Unused DRAIN0–DRAIN5 inputs must be connected to VBAT through a pullup resistor to prevent false reporting of open-load fault conditions. The on-board deglitch timer starts running when the TPIC46L01, TPIC46L02, and TPIC46L03 gate output to the power FET transitions to the off state. The timer provides a 60- µs deglitch time, t(STBFM), to allow the drain voltage to stabilize after the power FET has been turned off. The deglitch time is only enabled for the first 60 µs after the FET has been turned off. After the deglitch delay time, the drain is checked to verify that it is greater than the fault reference voltage. When it is less than the reference voltage, a fault is flagged to the microcontroller through FLT that an open-load fault condition exists. The microcontroller can then read the serial port on the TPIC46L01, TPIC46L02, and TPIC46L03 to isolate which channel reported the fault condition. Fault bits 0–5 distinguish faults for each of the output channels. Figure 15 illustrates the operation of the open-load detection circuit. This feature provides useful information to the microcontroller to isolate system failures and warn the operator that a problem exists. Examples of such applications would be warning that a light bulb filament may be open, solenoid coils may be open, etc. NORMAL _ + N-Channel Load VBAT T1 External TPIC46L01/L02/L03 1.25 V Deglitch FLT Input From TPIC46L01/L02/L03 60 µA U1 t(STBFM) Glitches Input DRAIN0– DRAIN5 FLT OPEN-LOAD NORMAL GATE0– GATE5 Input DRAIN0– DRAIN5 FLT GATE0– GATE5 t(STBFM) Figure 15 |