| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCS3P73U00AG-08-ST bảng dữ liệu(PDF) 12 Page - PulseCore Semiconductor |
|
|
|||||||||||||||||||||||||||||
PCS3P73U00AG-08-ST bảng dữ liệu(HTML) 12 Page - PulseCore Semiconductor |
|
12 / 13 page ![]() March 2008 PCS3P73U00A rev 0.2 USB 2.0 Peak EMI reduction IC 12 of 13 Notice: The information in this document is subject to change without notice. Ordering Codes Part Number Marking Package Temperature PCS3P73U00AG-08-SR 3P73U00AG 8- Pin SOIC, Tape & Reel, Green Commercial PCS3P73U00AG -08-ST 3P73U00AG 8- Pin SOIC, Tube, Green Commercial PCS3P73U00AG -08-TR 3P73U00AG 8- Pin TSSOP, Tape & Reel, Green Commercial PCS3P73U00AG -08-TT 3P73U00AG 8- Pin TSSOP, Tube, Green Commercial PCS3P73U00AG -08-CR AG1LL 8- Pin 2-mm TDFN, COL-Tape & Reel, Green Commercial LL = 2 Character LOT # Device Ordering Information PCS3P73U00AG-08-ST O = TSOT23 U = MSOP J=TSOT26 S = SOIC E = TQFP C=TDFN (2X2) COL T = TSSOP L = LQFP A = SSOP U = MSOP V = TVSOP P = PDIP B = BGA D = QSOP Q = QFN X = SC-70 DEVICE PIN COUNT X= Automotive I= Industrial P or n/c = Commercial (-40C to +125C) (-40C to +85C) (0C to +70C) 1 = Reserved 6 = Power Management 2 = Non PLL based 7 = Power Management 3 = EMI Reduction 8 = Power Management 4 = DDR support products 9 = Hi Performance 5 = STD Zero Delay Buffer 0 = Reserved PulseCore Semiconductor Mixed Signal Product PART NUMBER F = LEAD FREE AND RoHS COMPLIANT PART G = GREEN PACKAGE, LEAD FREE, and RoHS R = Tape & Reel, T = Tube or Tray |