công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCS3P2189A bảng dữ liệu(PDF) 3 Page - PulseCore Semiconductor

tên linh kiện PCS3P2189A
Giải thích chi tiết về linh kiện  Spread Spectrum Clock Generator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PULSECORE [PulseCore Semiconductor]
Trang chủ  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS3P2189A bảng dữ liệu(HTML) 3 Page - PulseCore Semiconductor

  PCS3P2189A Datasheet HTML 1Page - PulseCore Semiconductor PCS3P2189A Datasheet HTML 2Page - PulseCore Semiconductor PCS3P2189A Datasheet HTML 3Page - PulseCore Semiconductor PCS3P2189A Datasheet HTML 4Page - PulseCore Semiconductor PCS3P2189A Datasheet HTML 5Page - PulseCore Semiconductor PCS3P2189A Datasheet HTML 6Page - PulseCore Semiconductor PCS3P2189A Datasheet HTML 7Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
September 2006
PCS3P2189A
rev 0.1
Spread Spectrum Clock Generator
3 of 7
Notice: The information in this document is subject to change without notice.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD
Supply Voltage pin with respect to Ground
-0.5 to +4.6
V
VIN
Input Voltage pin with respect to Ground
VSS-0.5 to VDD+0.5
V
VOUT
Output Voltage pin with respect to Ground
VSS-0.5 to VDD+0.5
V
TSTG
Storage temperature
-55 to +125
°C
TA
Operating temperature
0 to +70
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
-40 to +125
°C
TDV
Static Discharge Voltage
(As per JEDEC STD22- A114-B)
2
KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.
DC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
VSS – 0.3
-
0.8
V
VIH
Input high voltage
2.0
-
VDD+ 0.3
V
IIL
Input low current
-
-
-35
µA
IIH
Input high current
-
-
+35
µA
IXOL
XOUT output low current ( VXOL @ 0.4V, VDD = 3.3V)
-
3
-
mA
IXOH
XOUT output high current ( VXOH @ 2.5V, VDD = 3.3V)
-
3
-
mA
VOL
Output low voltage
IOL = 4mA
VSS
-
0.4
V
VOH
Output high voltage
IOH = -4mA
VDD-0.5
-
VDD
V
ICC
Dynamic supply current , TBD MHz Output, no load
TBD
TBD
mA
IDD
Static supply current standby mode
TBD
uA
VDD
Operating voltage
3.0
3.3
3.6
V
tON
Power up time (first locked clock cycle after power up)
-
2
5
mS
ZOUT
Clock output impedance
-
TBD
-
Ω
CIN
Input Capacitance
-
-
TBD
pF
CL
Load Capacitance
-
-
15
pF



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com