| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TPIC2603 bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TPIC2603 bảng dữ liệu(HTML) 2 Page - Texas Instruments |
|
2 / 17 page ![]() TPIC2603 6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER SLIS056A – FEBRUARY 1995 – REVISED MARCH 1996 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 description (continued) When an over-current or shorted-load fault occurs, the channel transits into a low duty cycle pulse-width-modulated (PWM) signal as long as the fault is present. More detail on fault detection operation is presented in the device operation section of this data sheet. The TPIC2603 provides pulldown resistors on all active-high inputs except SCLK. A pullup resistor is used on CS. The TPIC2603 is characterized for operation over the operating case temperature of – 40 °C to 125°C. functional block diagram DRAIN0 DRAIN1 DRAIN2 DRAIN3 DRAIN4 DRAIN5 Fault Register SDO Serial Input Control 6-Bit Shift Register Output Drivers Fault Sense and Protection (STB, Current-Limit, Open-Load, Over-Temperature, Over-Voltage) SCLK CS SDI Vbat VCC |