công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCS3P623Z05B bảng dữ liệu(PDF) 13 Page - PulseCore Semiconductor

tên linh kiện PCS3P623Z05B
Giải thích chi tiết về linh kiện  Timing-Safe??Peak EMI reduction IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PULSECORE [PulseCore Semiconductor]
Trang chủ  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS3P623Z05B bảng dữ liệu(HTML) 13 Page - PulseCore Semiconductor

Back Button PCS3P623Z05B Datasheet HTML 7Page - PulseCore Semiconductor PCS3P623Z05B Datasheet HTML 8Page - PulseCore Semiconductor PCS3P623Z05B Datasheet HTML 9Page - PulseCore Semiconductor PCS3P623Z05B Datasheet HTML 10Page - PulseCore Semiconductor PCS3P623Z05B Datasheet HTML 11Page - PulseCore Semiconductor PCS3P623Z05B Datasheet HTML 12Page - PulseCore Semiconductor PCS3P623Z05B Datasheet HTML 13Page - PulseCore Semiconductor PCS3P623Z05B Datasheet HTML 14Page - PulseCore Semiconductor PCS3P623Z05B Datasheet HTML 15Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
PCS3P623Z05A/B
May 2008
PCS3P623Z09A/B
rev 0.1
Timing-Safe™ Peak EMI Reduction IC
13 of 15
Notice: The information in this document is subject to change without notice.
Ordering Code
Ordering Code
Marking
Package Type
Temperature
PCS3P623Z0xyG-08-ST
3P623Z0xyG
8-pin 150-mil SOIC-TUBE, Green
Commercial
PCS3I623Z0xyG-08-ST
3I623Z0xyG
8-pin 150-mil SOIC-TUBE, Green
Industrial
PCS3P623Z0xyG-08-SR
3P623Z0xyG
8-pin 150-mil SOIC-TAPE & REEL, Green
Commercial
PCS3I623Z0xyG -08-SR
3I623Z0xyG
8-pin 150-mil SOIC-TAPE & REEL, Green
Industrial
PCS3P623Z0xyG-08-TT
3P623Z0xyG
8-pin 4.4-mm TSSOP - TUBE, Green
Commercial
PCS3I623Z00xyG -08-TT
3I623Z0xyG
8-pin 4.4-mm TSSOP - TUBE, Green
Industrial
PCS3P623Z0xyG-08-TR
3P623Z0xyG
8-pin 4.4-mm TSSOP - TAPE & REEL, Green
Commercial
PCS3I623Z0xyG -08-TR
3I623Z0xyG
8-pin 4.4-mm TSSOP - TAPE & REEL, Green
Industrial
PCS3P623Z0xyG -16-ST
3P623Z0xyG
16-pin 150-mil SOIC-TUBE, Green
Commercial
PCS3I623Z0xyG -16-ST
3I623Z0xyG
16-pin 150-mil SOIC-TUBE, Green
Industrial
PCS3P623Z0xyG -16-SR
3P623Z0xyG
16-pin 150-mil SOIC-TAPE & REEL, Green
Commercial
PCS3I623Z0xyG -16-SR
3I623Z0xyG
16-pin 150-mil SOIC-TAPE & REEL, Green
Industrial
PCS3P623Z0xyG -16-TT
3P623Z0xyG
16-pin 4.4-mm TSSOP - TUBE, Green
Commercial
PCS3I623Z0xyG -16-TT
3I623Z0xyG
16-pin 4.4-mm TSSOP - TUBE, Green
Industrial
PCS3P623Z0xyG -16-TR
3P623Z0xyG
16-pin 4.4-mm TSSOP - TAPE & REEL, Green
Commercial
PCS3I623Z0xyG -16-TR
3I623Z0xyG
16-pin 4.4-mm TSSOP - TAPE & REEL, Green
Industrial
Note: x=5 / 9; y=A / B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15