| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCS2I99447 bảng dữ liệu(PDF) 13 Page - PulseCore Semiconductor |
|
|
|||||||||||||||||||||||||||||
PCS2I99447 bảng dữ liệu(HTML) 13 Page - PulseCore Semiconductor |
|
13 / 14 page ![]() September 2006 PCS2I99447 rev 0.4 3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer 13 of 14 Notice: The information in this document is subject to change without notice. Ordering Information Part Number Marking Package Type Operating Range PCS2P99447G-32-LT PCS2P99447GL 32-pin LQFP, Tray, Green Commercial PCS2P99447G-32-LR PCS2P99447GL 32-pin LQFP, Tape and Reel, Green Commercial PCS2P99447G-32-ET PCS2P99447GE 32-pin TQFP, Tray, Green Commercial PCS2P99447G-32-ER PCS2P99447GE 32-pin TQFP, Tape and Reel, Green Commercial PCS2I99447G-32-LT PCS2I99447GL 32-pin LQFP, Tray, Green Industrial PCS2I99447G-32-LR PCS2I99447GL 32-pin LQFP, Tape and Reel, Green Industrial PCS2I99447G-32-ET PCS2I99447GE 32-pin TQFP, Tray, Green Industrial PCS2I99447G-32-ER PCS2I99447GE 32-pin TQFP, Tape and Reel, Green Industrial Device Ordering Information PCS2I99447G-32-LR Licensed under US patent #5,488,627, #6,646,463 and #5,631,920. O = SOT U = MSOP S = SOIC E = TQFP T = TSSOP L = LQFP A = SSOP U = MSOP V = TVSOP P = PDIP B = BGA D = QSOP Q = QFN X = SC-70 DEVICE PIN COUNT X= Automotive I= Industrial P or n/c = Commercial (-40C to +125C) (-40C to +85C) (0C to +70C) 1 = Reserved 6 = Power Management 2 = Non PLL based 7 = Power Management 3 = EMI Reduction 8 = Power Management 4 = DDR support products 9 = Hi Performance 5 = STD Zero Delay Buffer 0 = Reserved PulseCore Semiconductor Mixed Signal Product PART NUMBER G = GREEN PACKAGE, LEAD FREE, and RoHS R = Tape & Reel, T = Tube or Tray |