| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ASM705CUA bảng dữ liệu(PDF) 12 Page - PulseCore Semiconductor |
|
|
|||||||||||||||||||||||||||||
ASM705CUA bảng dữ liệu(HTML) 12 Page - PulseCore Semiconductor |
|
12 / 15 page ![]() ASM705/706/707/708 April 2008 ASM813L rev 1.6 Low Power µP Supervisor Circuits 12 of 15 Notice: The information in this document is subject to change without notice. Ordering Codes Part Number Reset Threshold Temperature Pins-Package Package Marking TIN - LEAD DEVICES ASM705 Active LOW Reset, Watchdog Output And Manual RESET ASM705CPA 4.65 0°C to +70 °C 8-Plastic DIP ASM705CPA ASM705CSA 4.65 0°C to +70 °C 8-SO ASM705CSA ASM705CUA 4.65 0°C to +70 °C 8-MicroSO ASM705CUA ASM705EPA 4.65 -40°C to +85°C 8-Plastic DIP ASM705EPA ASM705ESA 4.65 -40°C to +85°C 8-SO ASM705ESA ASM705EUA 4.65 -40°C to +85°C 8-MicroSO ASM705EUA ASM706 Active LOW Reset, Watchdog Output And Manual RESET ASM706CPA 4.40 0°C to +70 °C 8-Plastic DIP ASM706CPA ASM706CSA 4.40 0°C to +70 °C 8-SO ASM706CSA ASM706CUA 4.40 0°C to +70 °C 8-MicroSO ASM706CUA ASM706EPA 4.40 -40°C to +85°C 8-Plastic DIP ASM706EPA ASM706ESA 4.40 -40°C to +85°C 8-SO ASM706ESA ASM707 Active LOW & HIGH Reset with Manual RESET ASM707CPA 4.65 0°C to +70 °C 8-Plastic DIP ASM707CPA ASM707CSA 4.65 0°C to +70 °C 8-SO ASM707CSA ASM707CUA 4.65 0°C to +70 °C 8-MicroSO ASM707CUA ASM707EPA 4.65 -40°C to +85°C 8-Plastic DIP ASM707EPA ASM707ESA 4.65 -40°C to +85°C 8-SO ASM707ESA ASM708Active LOW & HIGH Reset with Manual RESET ASM708CPA 4.40 0°C to +70 °C 8-Plastic DIP ASM708CPA ASM708CSA 4.40 0°C to +70 °C 8-SO ASM708CSA ASM708CUA 4.40 0°C to +70 °C 8-MicroSO ASM708CUA ASM708EPA 4.40 -40°C to +85°C 8-Plastic DIP ASM708EPA ASM708ESA 4.40 -40°C to +85°C 8-SO ASM708ESA ASM813L Active HIGH Reset, Watchdog Output And Manual RESET ASM813LCPA 4.65 0°C to +70 °C 8-Plastic DIP ASM813LCPA ASM813LCSA 4.65 0°C to +70 °C 8-SO ASM813LCSA ASM813LCUA 4.65 0°C to +70 °C 8-MicroSO ASM813LCUA ASM813LEPA 4.65 -40°C to +85°C 8-Plastic DIP ASM813LEPA ASM813LESA 4.65 -40°C to +85°C 8-SO ASM813LESA |