| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ASM3P2856B bảng dữ liệu(PDF) 7 Page - PulseCore Semiconductor |
|
|
|||||||||||||||||||||||||||||
ASM3P2856B bảng dữ liệu(HTML) 7 Page - PulseCore Semiconductor |
|
7 / 8 page ![]() ASM3P2856A November 2006 ASM3P2856B rev 0.1 Notice: The information in this document is subject to change without notice. Custom Clock generator for LCD Project 7 of 8 Ordering Codes Ordering Code Marking Package Type Operating Range ASM3P2856AG-16-TT 3P2856AG 16-pin 4.4-mm TSSOP - TUBE, Green Commercial ASM3P2856AG-16-TR 3P2856AG 16-pin 4.4-mm TSSOP - TAPE & REEL,Green Commercial ASM3P2856BG-16-TT 3P2856BG 16-pin 4.4-mm TSSOP - TUBE, Green Commercial ASM3P2856BG-16-TR 3P2856BG 16-pin 4.4-mm TSSOP - TAPE & REEL,Green Commercial Device Ordering Information ASM3P2856AG-16-TR Licensed under U.S Patent Nos 5,488,627 and 5,631,921 O = SOT U = MSOP S = SOIC E = TQFP T = TSSOP L = LQFP A = SSOP U = MSOP V = TVSOP P = PDIP B = BGA D = QSOP Q = QFN X = SC-70 DEVICE PIN COUNT X= Automotive I= Industrial P or n/c = Commercial (-40C to +125C) (-40C to +85C) (0C to +70C) 1 = Reserved 6 = Power Management 2 = Non PLL based 7 = Power Management 3 = EMI Reduction 8 = Power Management 4 = DDR support products 9 = Hi Performance 5 = STD Zero Delay Buffer 0 = Reserved PulseCore Semiconductor Mixed Signal Product DEVICE NUMBER F = LEAD FREE AND RoHS COMPLIANT PART G = GREEN PACKAGE, LEAD FREE, and RoHS R = Tape & Rzeel, T = Tube or Tray |