| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ASM3I622S00AG-08-TT bảng dữ liệu(PDF) 15 Page - PulseCore Semiconductor |
|
|
|||||||||||||||||||||||||||||
ASM3I622S00AG-08-TT bảng dữ liệu(HTML) 15 Page - PulseCore Semiconductor |
|
15 / 16 page ![]() May 2007 ASM3P622S00A/B/J/E/K rev 0.4 Low Frequency Timing-Safe™ Peak EMI Reduction IC 15 of 16 Notice: The information in this document is subject to change without notice. Ordering Codes (cont’d ) Device Ordering Information ASM3P622S00BF-08-TR Licensed under US patent #5,488,627, #6,646,463 and #5,631,920. Ordering Code Marking Package Type Temperature ASM3I622S00EG-16-SR 3I622S00EG 16-pin 150-mil SOIC-TAPE & REEL, Green Industrial ASM3P622S00EG-16-TT 3P622S00EG 16-pin 4.4-mm TSSOP - TUBE, Green Commercial ASM3I622S00EG-16-TT 3I622S00EG 16-pin 4.4-mm TSSOP - TUBE, Green Industrial ASM3P622S00EG-16-TR 3P622S00EG 16-pin 4.4-mm TSSOP - TAPE & REEL, Green Commercial ASM3I622S00EG-16-TR 3I622S00EG 16-pin 4.4-mm TSSOP - TAPE & REEL, Green Industrial ASM3P622S00KG-16-ST 3P622S00KG 16-pin 150-mil SOIC-TUBE, Green Commercial ASM3I622S00KG-16-ST 3I622S00KG 16-pin 150-mil SOIC-TUBE, Green Industrial ASM3P622S00KG-16-SR 3P622S00KG 16-pin 150-mil SOIC-TAPE & REEL, Green Commercial ASM3I622S00KG-16-SR 3I622S00KG 16-pin 150-mil SOIC-TAPE & REEL, Green Industrial ASM3P622S00KG-16-TT 3P622S00KG 16-pin 4.4-mm TSSOP - TUBE, Green Commercial ASM3I622S00KG-16-TT 3I622S00KG 16-pin 4.4-mm TSSOP - TUBE, Green Industrial ASM3P622S00KG-16-TR 3P622S00KG 16-pin 4.4-mm TSSOP - TAPE & REEL, Green Commercial ASM3I622S00KG-16-TR 3I622S00KG 16-pin 4.4-mm TSSOP - TAPE & REEL, Green Industrial O = SOT U = MSOP S = SOIC E = TQFP T = TSSOP L = LQFP A = SSOP U = MSOP V = TVSOP P = PDIP B = BGA D = QSOP Q = QFN X = SC-70 DEVICE PIN COUNT X= Automotive I= Industrial P or n/c = Commercial (-40C to +125C) (-40C to +85C) (0C to +70C) 1 = Reserved 6 = Power Management 2 = Non PLL based 7 = Power Management 3 = EMI Reduction 8 = Power Management 4 = DDR support products 9 = Hi Performance 5 = STD Zero Delay Buffer 0 = Reserved PulseCore Semiconductor Mixed Signal Product PART NUMBER F = LEAD FREE AND RoHS COMPLIANT PART G = GREEN PACKAGE, LEAD FREE, and RoHS R = Tape & Reel, T = Tube or Tray |