| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ASM3P622S00AG-08-SR bảng dữ liệu(PDF) 14 Page - PulseCore Semiconductor |
|
|
|||||||||||||||||||||||||||||
ASM3P622S00AG-08-SR bảng dữ liệu(HTML) 14 Page - PulseCore Semiconductor |
|
14 / 16 page ![]() May 2007 ASM3P622S00A/B/J/E/K rev 0.4 Low Frequency Timing-Safe™ Peak EMI Reduction IC 14 of 16 Notice: The information in this document is subject to change without notice. Ordering Codes (cont’d ) Ordering Code Marking Package Type Temperature ASM3I622S00KF-16-ST 3I622S00KF 16-pin 150-mil SOIC-TUBE, Green Industrial ASM3P622S00KF-16-SR 3P622S00KF 16-pin 150-mil SOIC-TAPE & REEL, Green Commercial ASM3I622S00KF-16-SR 3I622S00KF 16-pin 150-mil SOIC-TAPE & REEL, Green Industrial ASM3P622S00KF-16-TT 3P622S00KF 16-pin 4.4-mm TSSOP - TUBE, Green Commercial ASM3I622S00KF-16-TT 3I622S00KF 16-pin 4.4-mm TSSOP - TUBE, Green Industrial ASM3P622S00KF-16-TR 3P622S00KF 16-pin 4.4-mm TSSOP - TAPE & REEL, Green Commercial ASM3I622S00KF-16-TR 3I622S00KF 16-pin 4.4-mm TSSOP - TAPE & REEL, Green Industrial ASM3P622S00AG-08-ST 3P622S00AG 8-pin 150-mil SOIC-TUBE, Pb Free Commercial ASM3I622S00AG-08-ST 3I622S00AG 8-pin 150-mil SOIC-TUBE, Pb Free Industrial ASM3P622S00AG-08-SR 3P622S00AG 8-pin 150-mil SOIC-TAPE & REEL, Pb Free Commercial ASM3I622S00AG-08-SR 3I622S00AG 8-pin 150-mil SOIC-TAPE & REEL, Pb Free Industrial ASM3P622S00AG-08-TT 3P622S00AG 8-pin 4.4-mm TSSOP - TUBE, Pb Free Commercial ASM3I622S00AG-08-TT 3I622S00AG 8-pin 4.4-mm TSSOP - TUBE, Pb Free Industrial ASM3P622S00AG-08-TR 3P622S00AG 8-pin 4.4-mm TSSOP - TAPE & REEL, Pb Free Commercial ASM3I622S00AG-08-TR 3I622S00AG 8-pin 4.4-mm TSSOP - TAPE & REEL, Pb Free Industrial ASM3P622S00BG-08-ST 3P622S00BG 8-pin 150-mil SOIC-TUBE, Pb Free Commercial ASM3I622S00BG-08-ST 3I622S00BG 8-pin 150-mil SOIC-TUBE, Pb Free Industrial ASM3P622S00BG-08-SR 3P622S00BG 8-pin 150-mil SOIC-TAPE & REEL, Pb Free Commercial ASM3I622S00BG-08-SR 3I622S00BG 8-pin 150-mil SOIC-TAPE & REEL, Pb Free Industrial ASM3P622S00BG-08-TT 3P622S00BG 8-pin 4.4-mm TSSOP - TUBE, Pb Free Commercial ASM3I622S00BG-08-TT 3I622S00BG 8-pin 4.4-mm TSSOP - TUBE, Pb Free Industrial ASM3P622S00BG-08-TR 3P622S00BG 8-pin 4.4-mm TSSOP - TAPE & REEL, Pb Free Commercial ASM3I622S00BG-08-TR 3I622S00BG 8-pin 4.4-mm TSSOP - TAPE & REEL, Pb Free Industrial ASM3P622S00JG-08-ST 3P622S00JG 8-pin 150-mil SOIC-TUBE, Pb Free Commercial ASM3I622S00JG-08-ST 3I622S00JG 8-pin 150-mil SOIC-TUBE, Pb Free Industrial ASM3P622S00JG-08-SR 3P622S00JG 8-pin 150-mil SOIC-TAPE & REEL, Pb Free Commercial ASM3I622S00JG-08-SR 3I622S00JG 8-pin 150-mil SOIC-TAPE & REEL, Pb Free Industrial ASM3P622S00JG-08-TT 3P622S00JG 8-pin 4.4-mm TSSOP - TUBE, Pb Free Commercial ASM3I622S00JG-08-TT 3I622S00JG 8-pin 4.4-mm TSSOP - TUBE, Pb Free Industrial ASM3P622S00JG-08-TR 3P622S00JG 8-pin 4.4-mm TSSOP - TAPE & REEL, Pb Free Commercial ASM3I622S00JG-08-TR 3I622S00JG 8-pin 4.4-mm TSSOP - TAPE & REEL, Pb Free Industrial ASM3P622S00EG-16-ST 3P622S00EG 16-pin 150-mil SOIC-TUBE, Green Commercial ASM3I622S00EG-16-ST 3I622S00EG 16-pin 150-mil SOIC-TUBE, Green Industrial ASM3P622S00EG-16-SR 3P622S00EG 16-pin 150-mil SOIC-TAPE & REEL, Green Commercial |