công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ASM3P2769A bảng dữ liệu(PDF) 2 Page - PulseCore Semiconductor

tên linh kiện ASM3P2769A
Giải thích chi tiết về linh kiện  Low Power Peak EMI Reducing Solution
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PULSECORE [PulseCore Semiconductor]
Trang chủ  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P2769A bảng dữ liệu(HTML) 2 Page - PulseCore Semiconductor

  ASM3P2769A Datasheet HTML 1Page - PulseCore Semiconductor ASM3P2769A Datasheet HTML 2Page - PulseCore Semiconductor ASM3P2769A Datasheet HTML 3Page - PulseCore Semiconductor ASM3P2769A Datasheet HTML 4Page - PulseCore Semiconductor ASM3P2769A Datasheet HTML 5Page - PulseCore Semiconductor ASM3P2769A Datasheet HTML 6Page - PulseCore Semiconductor ASM3P2769A Datasheet HTML 7Page - PulseCore Semiconductor ASM3P2769A Datasheet HTML 8Page - PulseCore Semiconductor ASM3P2769A Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
January 2007
ASM3P2769A
rev 1. 9
Low Power Peak EMI Reducing Solution
2 of 12
Notice: The information in this document is subject to change without notice.
Pin Configuration (6-pin TSOT-23 Package)
Pin Description
Pin#
Pin Name
Type
Description
1
PD
I
Power-down control pin. Pull low to enable power-down mode. Connect to VDD if not
used.
2
XOUT
O
Crystal connection. If using an external reference, this pin must be left unconnected.
3
XIN/CLKIN
I
Crystal connection or external reference frequency input. This pin has dual functions. It
can be connected either to an external crystal or an external reference clock.
4
VDD
P
Power supply for the entire chip.
5
ModOUT
O
Spread spectrum clock output.
6
VSS
P
Ground connection.
XOUT
1
2
3
4
5
6
ASM3P2769A
PD
XIN/CLKIN
VDD
ModOUT
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12