| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ASM3P623S05 bảng dữ liệu(PDF) 13 Page - PulseCore Semiconductor |
|
|
|||||||||||||||||||||||||||||
ASM3P623S05 bảng dữ liệu(HTML) 13 Page - PulseCore Semiconductor |
|
13 / 15 page ![]() May 2007 ASM3P623S05/09A/B rev 0.3 Timing-Safe™ Peak EMI Reduction IC 13 of 15 Notice: The information in this document is subject to change without notice. Ordering Codes (cont’d) Ordering Code Marking Package Type Temperature ASM3P623S09AG-16-ST 3P623S09AG 16-pin 150-mil SOIC-TUBE, Green Commercial ASM3I623S09AG-16-ST 3I623S09AG 16-pin 150-mil SOIC-TUBE, Green Industrial ASM3P623S09AG-16-SR 3P623S09AG 16-pin 150-mil SOIC-TAPE & REEL, Green Commercial ASM3I623S09AG-16-SR 3I623S09AG 16-pin 150-mil SOIC-TAPE & REEL, Green Industrial ASM3P623S09AG-16-TT 3P623S09AG 16-pin 4.4-mm TSSOP - TUBE, Green Commercial ASM3I623S09AG-16-TT 3I623S09AG 16-pin 4.4-mm TSSOP - TUBE, Green Industrial ASM3P623S09AG-16-TR 3P623S09AG 16-pin 4.4-mm TSSOP - TAPE & REEL, Green Commercial ASM3I623S09AG-16-TR 3I623S09AG 16-pin 4.4-mm TSSOP - TAPE & REEL, Green Industrial ASM3P623S09BG-16-ST 3P623S09BG 16-pin 150-mil SOIC-TUBE, Green Commercial ASM3I623S09BG-16-ST 3I623S09BG 16-pin 150-mil SOIC-TUBE, Green Industrial ASM3P623S09BG-16-SR 3P623S09BG 16-pin 150-mil SOIC-TAPE & REEL, Green Commercial ASM3I623S09BG-16-SR 3I623S09BG 16-pin 150-mil SOIC-TAPE & REEL, Green Industrial ASM3P623S09BG-16-TT 3P623S09BG 16-pin 4.4-mm TSSOP - TUBE, Green Commercial ASM3I623S09BG-16-TT 3I623S09BG 16-pin 4.4-mm TSSOP - TUBE, Green Industrial ASM3P623S09BG-16-TR 3P623S09BG 16-pin 4.4-mm TSSOP - TAPE & REEL, Green Commercial ASM3I623S09BG-16-TR 3I623S09BG 16-pin 4.4-mm TSSOP - TAPE & REEL, Green Industrial ASM3P623S05AG-08-ST 3P623S05AG 8-pin 150-mil SOIC-TUBE, Green Commercial ASM3I623S05AG-08-ST 3I623S05AG 8-pin 150-mil SOIC-TUBE, Green Industrial ASM3P623S05AG-08-SR 3P623S05AG 8-pin 150-mil SOIC-TAPE & REEL, Green Commercial ASM3I623S05AG-08-SR 3I623S05AG 8-pin 150-mil SOIC-TAPE & REEL, Green Industrial ASM3P623S05AG-08-TT 3P623S05AG 8-pin 4.4-mm TSSOP - TUBE, Green Commercial ASM3I623S05AG-08-TT 3I623S05AG 8-pin 4.4-mm TSSOP - TUBE, Green Industrial ASM3P623S05AG-08-TR 3P623S05AG 8-pin 4.4-mm TSSOP - TAPE & REEL, Green Commercial ASM3I623S05AG-08-TR 3I623S05AG 8-pin 4.4-mm TSSOP - TAPE & REEL, Green Industrial ASM3P623S05BG-08-ST 3P623S05BG 8-pin 150-mil SOIC-TUBE, Green Commercial ASM3I623S05BG-08-ST 3I623S05BG 8-pin 150-mil SOIC-TUBE, Green Industrial ASM3P623S05BG-08-SR 3P623S05BG 8-pin 150-mil SOIC-TAPE & REEL, Green Commercial ASM3I623S05BG-08-SR 3I623S05BG 8-pin 150-mil SOIC-TAPE & REEL, Green Industrial ASM3P623S05BG-08-TT 3P623S05BG 8-pin 4.4-mm TSSOP - TUBE, Green Commercial ASM3I623S05BG-08-TT 3I623S05BG 8-pin 4.4-mm TSSOP - TUBE, Green Industrial ASM3P623S05BG-08-TR 3P623S05BG 8-pin 4.4-mm TSSOP - TAPE & REEL, Green Commercial ASM3I623S05BG-08-TR 3I623S05BG 8-pin 4.4-mm TSSOP - TAPE & REEL, Green Industrial |