| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ASM3P623S00C bảng dữ liệu(PDF) 16 Page - PulseCore Semiconductor |
|
|
|||||||||||||||||||||||||||||
ASM3P623S00C bảng dữ liệu(HTML) 16 Page - PulseCore Semiconductor |
|
16 / 18 page ![]() May 2007 ASM3P623S00B/C/J/E/F/K rev 0.4 Timing-Safe™ Peak EMI Reduction IC 16 of 18 Notice: The information in this document is subject to change without notice. Ordering Codes (cont’d) Ordering Code Marking Package Type Temperature ASM3I623S00FG-16-TT 3I623S00FG 16-pin 4.4-mm TSSOP - TUBE, Green Industrial ASM3I623S00KG-16-TT 3I623S00KG 16-pin 4.4-mm TSSOP - TUBE, Green Industrial ASM3P623S00EG-16-TR 3P623S00EG 16- pin 4.4-mm TSSOP - TAPE & REEL, Green Commercial ASM3P623S00FG-16-TR 3P623S00FG 16- pin 4.4-mm TSSOP - TAPE & REEL, Green Commercial ASM3P623S00KG-16-TR 3P623S00KG 16-pin 4.4-mm TSSOP - TAPE & REEL, Green Commercial ASM3I623S00EG-16-TR 3I623S00EG 16- pin 4.4-mm TSSOP - TAPE & REEL, Green Industrial ASM3I623S00FG-16-TR 3I623S00FG 16- pin 4.4-mm TSSOP - TAPE & REEL, Green Industrial ASM3I623S00KG-16-TR 3I623S00KG 16-pin 4.4-mm TSSOP - TAPE & REEL, Green Industrial ASM3P623S00BG-08-ST 3P623S00BG 8-pin 150-mil SOIC- TUBE, Green Commercial ASM3I623S00BG-08-ST 3I623S00BG 8-pin 150-mil SOIC- TUBE, Green Industrial ASM3P623S00BG-08-SR 3P623S00BG 8-pin 150-mil SOIC-TAPE & REEL, Green Commercial ASM3I623S00BG-08-SR 3I623S00BG 8-pin 150-mil SOIC-TAPE & REEL, Green Industrial ASM3P623S00BG-08-TT 3P623S00BG 8-pin 4.4-mm TSSOP - TUBE, Green Commercial ASM3I623S00BG-08-TT 3I623S00BG 8-pin 4.4-mm TSSOP - TUBE, Green Industrial ASM3P623S00BG-08-TR 3P623S00BG 8- pin 4.4-mm TSSOP - TAPE & REEL, Green Commercial ASM3I623S00BG-08-TR 3I623S00BG 8-pin 4.4-mm TSSOP - TAPE & REEL, Green Industrial ASM3P623S00CG-08-ST 3P623S00CG 8-pin 150-mil SOIC- TUBE, Green Commercial ASM3I623S00CG-08-ST 3I623S00CG 8-pin 150-mil SOIC- TUBE, Green Industrial ASM3P623S00CG-08-SR 3P623S00CG 8-pin 150-mil SOIC-TAPE & REEL, Green Commercial ASM3I623S00CG-08-SR 3I623S00CG 8-pin 150-mil SOIC-TAPE & REEL, Green Industrial ASM3P623S00CG-08-TT 3P623S00CG 8-pin 4.4-mm TSSOP - TUBE, Green Commercial ASM3I623S00CG-08-TT 3I623S00CG 8-pin 4.4-mm TSSOP - TUBE, Green Industrial ASM3P623S00CG-08-TR 3P623S00CG 8- pin 4.4-mm TSSOP - TAPE & REEL, Green Commercial ASM3I623S00CG-08-TR 3I623S00CG 8-pin 4.4-mm TSSOP - TAPE & REEL, Green Industrial ASM3P623S00JG-08-ST 3P623S00JG 8-pin 150-mil SOIC- TUBE, Green Commercial ASM3I623S00JG-08-ST 3I623S00JG 8-pin 150-mil SOIC- TUBE, Green Industrial ASM3P623S00JG-08-SR 3P623S00JG 8-pin 150-mil SOIC-TAPE & REEL, Green Commercial ASM3I623S00JG-08-SR 3I623S00JG 8-pin 150-mil SOIC-TAPE & REEL, Green Industrial ASM3P623S00JG-08-TT 3P623S00JG 8-pin 4.4-mm TSSOP - TUBE, Green Commercial ASM3I623S00JG-08-TT 3I623S00JG 8-pin 4.4-mm TSSOP - TUBE, Green Industrial ASM3P623S00JG-08-TR 3P623S00JG 8- pin 4.4-mm TSSOP - TAPE & REEL, Green Commercial ASM3I623S00JG-08-TR 3I623S00JG 8-pin 4.4-mm TSSOP - TAPE & REEL, Green Industrial |