| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ASM3P623S01B bảng dữ liệu(PDF) 11 Page - PulseCore Semiconductor |
|
|
|||||||||||||||||||||||||||||
ASM3P623S01B bảng dữ liệu(HTML) 11 Page - PulseCore Semiconductor |
|
11 / 12 page ![]() May 2007 ASM3P623S01B/C/J rev 0.4 Timing-Safe™ Peak EMI Reduction IC 11 of 12 Notice: The information in this document is subject to change without notice. Ordering Codes (Cont’d) Ordering Code Marking Package Type Temperature ASM3I623S01JF-08-ST 3I623S01JF 8-pin 150-mil SOIC- TUBE, Pb Free Industrial ASM3P623S01JF-08-SR 3P623S01JF 8-pin 150-mil SOIC-TAPE & REEL, Pb Free Commercial ASM3I623S01JF-08-SR 3I623S01JF 8-pin 150-mil SOIC-TAPE & REEL, Pb Free Industrial ASM3P623S01JF-08-TT 3P623S01JF 8-pin 4.4-mm TSSOP - TUBE, Pb Free Commercial ASM3I623S01JF-08-TT 3I623S01JF 8-pin 4.4-mm TSSOP - TUBE, Pb Free Industrial ASM3P623S01JF-08-TR 3P623S01JF 8- pin 4.4-mm TSSOP - TAPE & REEL, Pb Free Commercial ASM3I623S01JF-08-TR 3I623S01JF 8-pin 4.4-mm TSSOP - TAPE & REEL, Pb Free Industrial ASM3P623S01JG-08-ST 3P623S01JG 8-pin 150-mil SOIC- TUBE, Green Commercial ASM3I623S01JG-08-ST 3I623S01JG 8-pin 150-mil SOIC- TUBE, Green Industrial ASM3P623S01JG-08-SR 3P623S01JG 8-pin 150-mil SOIC-TAPE & REEL, Green Commercial ASM3I623S01JG-08-SR 3I623S01JG 8-pin 150-mil SOIC-TAPE & REEL, Green Industrial ASM3P623S01JG-08-TT 3P623S01JG 8-pin 4.4-mm TSSOP - TUBE, Green Commercial ASM3I623S01JG-08-TT 3I623S01JG 8-pin 4.4-mm TSSOP - TUBE, Green Industrial ASM3P623S01JG-08-TR 3P623S01JG 8- pin 4.4-mm TSSOP - TAPE & REEL, Green Commercial ASM3I623S01JG-08-TR 3I623S01JG 8-pin 4.4-mm TSSOP - TAPE & REEL, Green Industrial Device Ordering Information ASM3P623S01BF-08-TR O = SOT U = MSOP S = SOIC E = TQFP T = TSSOP L = LQFP A = SSOP U = MSOP V = TVSOP P = PDIP B = BGA D = QSOP Q = QFN X = SC-70 DEVICE PIN COUNT X= Automotive I= Industrial P or n/c = Commercial (-40C to +125C) (-40C to +85C) (0C to +70C) 1 = Reserved 6 = Power Management 2 = Non PLL based 7 = Power Management 3 = EMI Reduction 8 = Power Management 4 = DDR support products 9 = Hi Performance 5 = STD Zero Delay Buffer 0 = Reserved PulseCore Semiconductor Mixed Signal Product PART NUMBER F = LEAD FREE AND RoHS COMPLIANT PART G = GREEN PACKAGE, LEAD FREE, and RoHS R = Tape & Reel, T = Tube or Tray Licensed under US patent #5,488,627, #6,646,463 and #5,631,920. |