| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ASM3P623S00B bảng dữ liệu(PDF) 13 Page - PulseCore Semiconductor |
|
|
|||||||||||||||||||||||||||||
ASM3P623S00B bảng dữ liệu(HTML) 13 Page - PulseCore Semiconductor |
|
13 / 15 page ![]() May 2008 ASM3P623S00B/E rev 0.5 Timing-Safe™ Peak EMI Reduction IC 13 of 15 Notice: The information in this document is subject to change without notice. Ordering Code Ordering Code Marking Package Type Temperature ASM3P623S00BF-08-ST 3P623S00BF 8-pin 150-mil SOIC-TUBE, Pb Free Commercial ASM3I623S00BF-08-ST 3I623S00BF 8-pin 150-mil SOIC-TUBE, Pb Free Industrial ASM3P623S00BF-08-SR 3P623S00BF 8-pin 150-mil SOIC-TAPE & REEL, Pb Free Commercial ASM3I623S00BF-08-SR 3I623S00BF 8-pin 150-mil SOIC-TAPE & REEL, Pb Free Industrial ASM3P623S00BF-08-TT 3P623S00BF 8-pin 4.4-mm TSSOP - TUBE, Pb Free Commercial ASM3I623S00BF-08-TT 3I623S00BF 8-pin 4.4-mm TSSOP - TUBE, Pb Free Industrial ASM3P623S00BF-08-TR 3P623S00BF 8-pin 4.4-mm TSSOP - TAPE & REEL, Pb Free Commercial ASM3I623S00BF-08-TR 3I623S00BF 8-pin 4.4-mm TSSOP - TAPE & REEL, Pb Free Industrial ASM3P623S00EF-16-ST 3P623S00EF 16-pin 150-mil SOIC-TUBE, Pb Free Commercial ASM3I623S00EF-16-ST 3I623S00EF 16-pin 150-mil SOIC-TUBE, Pb Free Industrial ASM3P623S00EF-16-SR 3P623S00EF 16-pin 150-mil SOIC-TAPE & REEL, Pb Free Commercial ASM3I623S00EF-16-SR 3I623S00EF 16-pin 150-mil SOIC-TAPE & REEL, Pb Free Industrial ASM3P623S00EF-16-TT 3P623S00EF 16-pin 4.4-mm TSSOP - TUBE, Pb Free Commercial ASM3I623S00EF-16-TT 3I623S00EF 16-pin 4.4-mm TSSOP - TUBE, Pb Free Industrial ASM3P623S00EF-16-TR 3P623S00EF 16-pin 4.4-mm TSSOP - TAPE & REEL, Pb Free Commercial ASM3I623S00EF-16-TR 3I623S00EF 16-pin 4.4-mm TSSOP - TAPE & REEL, Pb Free Industrial ASM3P623S00BG-08-ST 3P623S00BG 8-pin 150-mil SOIC-TUBE, Pb Free Commercial ASM3I623S00BG-08-ST 3I623S00BG 8-pin 150-mil SOIC-TUBE, Pb Free Industrial ASM3P623S00BG-08-SR 3P623S00BG 8-pin 150-mil SOIC-TAPE & REEL, Pb Free Commercial ASM3I623S00BG-08-SR 3I623S00BG 8-pin 150-mil SOIC-TAPE & REEL, Pb Free Industrial ASM3P623S00BG-08-TT 3P623S00BG 8-pin 4.4-mm TSSOP - TUBE, Pb Free Commercial ASM3I623S00BG-08-TT 3I623S00BG 8-pin 4.4-mm TSSOP - TUBE, Pb Free Industrial ASM3P623S00BG-08-TR 3P623S00BG 8-pin 4.4-mm TSSOP - TAPE & REEL, Pb Free Commercial ASM3I623S00BG-08-TR 3I623S00BG 8-pin 4.4-mm TSSOP - TAPE & REEL, Pb Free Industrial ASM3P623S00EG-16-ST 3P623S00EG 16-pin 150-mil SOIC-TUBE, Green Commercial ASM3I623S00EG-16-ST 3I623S00EG 16-pin 150-mil SOIC-TUBE, Green Industrial ASM3P623S00EG-16-SR 3P623S00EG 16-pin 150-mil SOIC-TAPE & REEL, Green Commercial ASM3I623S00EG-16-SR 3I623S00EG 16-pin 150-mil SOIC-TAPE & REEL, Green Industrial ASM3P623S00EG-16-TT 3P623S00EG 16-pin 4.4-mm TSSOP - TUBE, Green Commercial ASM3I623S00EG-16-TT 3I623S00EG 16-pin 4.4-mm TSSOP - TUBE, Green Industrial ASM3P623S00EG-16-TR 3P623S00EG 16-pin 4.4-mm TSSOP - TAPE & REEL, Green Commercial ASM3I623S00EG-16-TR 3I623S00EG 16-pin 4.4-mm TSSOP - TAPE & REEL, Green Industrial |