| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ASM3P622S01B bảng dữ liệu(PDF) 7 Page - PulseCore Semiconductor |
|
|
|||||||||||||||||||||||||||||
ASM3P622S01B bảng dữ liệu(HTML) 7 Page - PulseCore Semiconductor |
|
7 / 12 page ![]() May 2007 ASM3P622S01B/J rev 0.4 Low Frequency Timing-Safe™ Peak EMI Reduction IC 7 of 12 Notice: The information in this document is subject to change without notice. Input-Output Skew Test Circuit A Typical example of Timing-Safe™ waveform VDD GND CLKOUT CLOAD OUTPUTS 0.1uF +3.3V TSKEW - One clock cycle N=1 TSKEW+ Input Timing-Safe™ Output TSKEW represents input-output skew when spread spectrum is ON For example, TSKEW = ± 0.125 for an Input clock12MHz, translates in to (1/12MHz) * 0.125=10.41nS Input Input CLKOUT with SSOFF Timing-Safe™ CLKOUT |