công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

13FPR080E bảng dữ liệu(PDF) 1 Page - Ohmite Mfg. Co.

tên linh kiện 13FPR080E
Giải thích chi tiết về linh kiện  Axial Wire Element Current Sense
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OHMITE [Ohmite Mfg. Co.]
Trang chủ  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

13FPR080E bảng dữ liệu(HTML) 1 Page - Ohmite Mfg. Co.

  13FPR080E Datasheet HTML 1Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 • 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
17
10 Series
Axial Wire Element
Current Sense
St andard p ar t number S for 10 S erie S
Ohmic
2 Terminal
4 Terminal
value
2 watt
3 watt
5 watt
3 watt
4.5 watt
7 watt
0.005
12FR005 13FR005 15FR005
13FPR005E 14FPR005E 17FPR005E
0.010
12FR010 13FR010 15FR010
13FPR010E 14FPR010E 17FPR010E
0.015
12FR015 13FR015 15FR015
13FPR015E 14FPR015E 17FPR015E
0.020
12FR020 13FR020 15FR020
13FPR020E 14FPR020E 17FPR020E
0.025
12FR025 13FR025 15FR025
13FPR025E 14FPR025E 17FPR025E
0.030
12FR030 13FR030 15FR030
13FPR030E 14FPR030E 17FPR030E
0.040
12FR040 13FR040 15FR040
13FPR040E 14FPR040E 17FPR040E
0.050
12FR050 13FR050 15FR050
13FPR050E 14FPR050E 17FPR050E
0.060
12FR060 13FR060 15FR060
13FPR060E 14FPR060E 17FPR060E
0.070
12FR070 13FR070 15FR070
13FPR070E 14FPR070E 17FPR070E
0.075
13FPR075E 14FPR075E 17FPR075E
0.080
12FR080 13FR080 15FR080
13FPR080E 14FPR080E 17FPR080E
0.090
12FR090 13FR090 15FR090
13FPR090E 14FPR090E 17FPR090E
0.100
12FR100 13FR100 15FR100
13FPR100E 14FPR100E 17FPR100E
0.150
13FR150 15FR150
0.200
13FR200 15FR200
0.250
15FR250
L max.
D
±.010 /
±0.3
1.562
±0.062 /
39.7
±1.6
d
±.002 /
±0.05
M
Dimensions (in. / mm)
Series Wattage Ohms
Length
Diam.
“M”
Lead ga.
12
2
0.005-0.10 0.416 / 10.6 0.094 / 2.4 1.156 / 29.4 20
13
3
0.005-0.20 0.570 / 14.5 0.205 / 5.2 1.310 / 33.3 20
15
5
0.005-0.25 0.935 / 23.8 0.330 / 8.4 1.675 / 42.5 18
F E A T u r E S
• Ideal for current sensing applica-
tions
• 1% Tolerance standard, others
available
• Fixed resistance measuring
point “M”
• Low inductance (non-inductive
below 0.25
Ω)
• RoHS compliant product avail-
able; add “E” suffix to part num-
ber to specify
Sp EC i F i CA T i O n S
Material
Terminals: Solder-plated copper
terminals or copper clad steel
depending on ohmic value.
RoHS solder composition is
96% Sn, 3.5% Ag, 0.5% Cu
Encapsulation: Silicone molding
compound.
Derating
Linearly from 100% @ +25°C to
0% @ +275°C.
Electrical
Tolerance: ±1% standard.
Others available.
Power rating: Based on 25°C
free air rating.
Overload: 5 times rated wattage
for 5 seconds.
Dielectric withstanding voltage:
1000 VRMS for 3 and 5 watt;
500 VRMS for 2 watt.
Insulation resistance:
Not less than 1000M
Ω.
Thermal EMF:
Less than ±2µV/°C.
Temperature range:
-55°C to 275°C.
L +.015 /
+0.4
D +.015 /
+0.4
A (min.)
B
±.010 /
±0.03
0.032
±.002
0.81
±.05
(20 AWG)
ordering information
� � � � � � � � �
Ohm Value
Example:
R050= 0.05�
Tolerance
F = 1%
D= 0.5%
10 Series
Wattage
Terminals
Blank = 2 terminals
P
= 4 terminals
RoHS Compliant
Dimensions (in. / mm)
Series Wattage Ohms
Length
Diam.
A
B
13
3
0.005-0.1 0.625/15.9 0.200/5.08
1.25/31.8 0.125/3.18
14
4.5 0.005-0.1 1.060/26.9 0.335/8.51
1.50/38.1 0.200/5.08
17
7
0.005-0.1 1.500/38.1 0.375/9.53
1.50/38.1 0.200/5.08
F EA T ur ES
• Ideal for current sensing applica-
tions
• 1% Tolerance standard, others
available
• Low Inductance (non-inductive
below 0.25
Ω)
• Tinned Copper Leads
• RoHS Compliant
Sp EC i F i CA T i O n S
Material
Terminals: Tinned Copper Leads
Encapsulation: Silicone Molding
Compound
Derating
Linearly from 100% at +25˚C to
0% at +200˚C
Ohmite’s Four-terminal Current-sense Resistors are specifically
designed for low-resistance applications requiring the highest
accuracy and temperature stability. This four-terminal version
of Ohmite’s 10 Series resistor is specially designed for use in a
Kelvin configuration, in which a current is applied through two
opposite terminals and sensing voltage is measured across the
other two terminals .
The Kelvin configuration enables the resistance and tempera-
ture coefficient of the terminals to be effectively eliminated. The
four terminal design also results in a lower temperature coef-
ficient of resistance and lower self-heating drift which may be
experienced on two-terminal resistors. The requirement to con-
nect to the terminals at precise test points is eliminated, allowing
for tighter tolerancing on the end application.
Electrical
Resistance Range: 0.005
Ω to
0.100
Ω standard
Standard Tolerance: ±1%; oth-
ers available
Operating Temperature Range:
-55˚C to +200˚C
Temperature Coefficient of
Resistance, 0˚C to 85˚C:
≥0.015Ω: ±50 PPM/˚C
<0.015
Ω: ±100 PPM/˚C
Environmental Performance:
Exceeds the requirements of
MIL-PRF-49465
Power rating: Based on 25˚C free
air rating.
Overload: 5 times rated wattage
for 5 seconds
Max. Current: 22 amps
Dialectric withstanding voltage:
1500 VAC for 4.5 and 7 watt
1000 VAC for 3 watt
Insulation resistance: Not less
than 1000 M
Ω
Thermal EMF: Less than ±2µV/˚C
Four Terminal Axial
Two Terminal Axial
0
500
400
300
200
100
Milliohms
10
20
40
30
50
600
700
0
2 watt
3 watt
5 watt
Temperature
Coefficient of
Resistance
Check product availability at
www.ohmite.com


Số phần tương tự - 13FPR080E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
13FPR080E ETC2-13FPR080E Datasheet
143Kb / 1P
Axial Wire Element Current Sense
logo
Ohmite Mfg. Co.
13FPR080E OHMITE-13FPR080E Datasheet
427Kb / 2P
Axial Wire Element Current Sense Two Terminal Axial
More results

Mô tả tương tự - 13FPR080E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Ohmite Mfg. Co.
600HR050E OHMITE-600HR050E Datasheet
119Kb / 1P
Two Terminal Metal Element Current Sense
logo
IRC - a TT electronics ...
ULRG12512R010FLFSLT IRCTT-ULRG12512R010FLFSLT Datasheet
189Kb / 6P
Metal Element Current Sense Resistor
logo
Ohmite Mfg. Co.
CS3FR050E OHMITE-CS3FR050E Datasheet
99Kb / 1P
Wire Element Four Terminal Precision Current Sense
13FR025E OHMITE-13FR025E Datasheet
144Kb / 1P
Axial Wire Element Current Sense
logo
List of Unclassifed Man...
12FR050E ETC2-12FR050E Datasheet
143Kb / 1P
Axial Wire Element Current Sense
logo
Ohmite Mfg. Co.
MCS OHMITE-MCS Datasheet
491Kb / 2P
Metal Element Current Sense
10SERIES OHMITE-10SERIES Datasheet
427Kb / 2P
Axial Wire Element Current Sense Two Terminal Axial
CS3 OHMITE-CS3 Datasheet
328Kb / 2P
Wire Element Four Terminal Precision Current Sense
logo
Maxim Integrated Produc...
MAX40016EVKIT MAXIM-MAX40016EVKIT Datasheet
995Kb / 9P
Integrated Current Sense Element
Rev 0; 10/17
MAX40016 MAXIM-MAX40016 Datasheet
940Kb / 22P
4-Decade Current Sense Amplifier with Integrated Current Sense Element
2018
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com