công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS77C82 bảng dữ liệu(PDF) 41 Page - Texas Instruments

tên linh kiện TMS77C82
Giải thích chi tiết về linh kiện  8-BIT MICROCONTROLLER
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS77C82 bảng dữ liệu(HTML) 41 Page - Texas Instruments

Back Button TMS77C82 Datasheet HTML 37Page - Texas Instruments TMS77C82 Datasheet HTML 38Page - Texas Instruments TMS77C82 Datasheet HTML 39Page - Texas Instruments TMS77C82 Datasheet HTML 40Page - Texas Instruments TMS77C82 Datasheet HTML 41Page - Texas Instruments TMS77C82 Datasheet HTML 42Page - Texas Instruments TMS77C82 Datasheet HTML 43Page - Texas Instruments TMS77C82 Datasheet HTML 44Page - Texas Instruments TMS77C82 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 77 page
background image
TMS370Cx5x
8-BIT MICROCONTROLLER
SPNS010F – DECEMBER 1986 – REVISED FEBRUARY 1997
41
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
serial communications interface 1 (SCI1) module (continued)
RXCTL.4 – 2
FE OE PE
RX ERROR
SCICTL.3
TXWAKE
SCICCR.6 SCICCR.5
EVEN / ODD ENABLE
PARITY
Frame Format and Mode
WUT
TXBUF.7 – 0
Transmit Data
Buffer Reg.
TXSHF Reg.
TXCTL.7
TXCTL.6
TXRDY
TX EMPTY
SCI TX Interrupt
TXCTL.0
TXENA
8
SCICTL.4
BAUD MSB. 7 – 0
Baud Rate
MSbyte Reg.
BAUD LSB. 7 – 0
Baud Rate
LSbyte Reg.
CLOCK
SCICTL.1
SCITXD
SCI TX INT ENA
RXCTL.7
ERR
RXSHF Reg.
RXCTL.1
8
Receive Data
Buffer Reg.
RXBUF.7 – 0
RXENA
RXCTL.6
RXCTL.5
RXRDY
BRKDT
SCI RX Interrupt
RXCTL.0
SCI RX INT ENA
SCIPRI.6
SCIPRI.5
Level 1 INT
Level 2 INT
Level 1 INT
Level 2 INT
SCITX PRIORITY
SCIRX PRIORITY
SCITXD
SCIPC2.7 – 4
SCICLK
SCIPC1.3 – 0
SCIRXD
SCIRXD
SCIPC2.3 – 0
SCICTL.0
RXWAKE
1
SYSCLK
0
1
0
1
Figure 15. SCI1 Block Diagram
analog-to-digital converter 1 (ADC1) module
The analog-to-digital converter 1 (ADC1) module is an 8-bit, successive approximation converter with internal
sample-and-hold circuitry. The module has eight multiplexed analog input channels that allow the processor to
convert the voltage levels from up to eight different sources. The ADC1 module features include the following:
D Minimum conversion time: 32.8 µs at 5-MHz SYSCLK
D Ten external pins:
–
Eight analog input channels (AN0 – AN7), any of which can be software configured as digital inputs
(E0 – E7) if not needed as analog channels
–
AN1 – AN7 can also be configured as positive-input voltage reference.
–VCC3: A/D module high-voltage reference input
–VSS3: A/D module low-voltage reference input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com