| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS77C82 bảng dữ liệu(PDF) 46 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS77C82 bảng dữ liệu(HTML) 46 Page - Texas Instruments |
|
46 / 63 page ![]() TMS370CxCx 8-BIT MICROCONTROLLER SPNS040B – NOVEMBER 1995 – REVISED FEBRUARY 1997 46 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 device part numbers Table 37 lists all of the ’xCx devices available. The devices’ part number nomenclature is designed to assist ordering. Upon ordering, the customer must specify not only the device part number, but also the clock and watchdog timer options desired. Each device can have only one of the three possible watchdog timer options and one of the two clock options. The required options information pertains solely to orders involving ROM devices. Table 37. Device Part Numbers DEVICE PART NUMBERS FOR 28 PINS (LCC) FOR 28 PINS (DIP) TMS370C3C0AFNA TMS370C3C0AFNL TMS370C3C0AFNT TMS370C3C0ANA TMS370C3C0ANL TMS370C3C0ANT TMS370C6C2AFNT TMS370C6C2ANT SE370C6C2AFZT† SE370C6C2AJDT† † System evaluators are for use in prototype environment and their reliability has not been characterized. |