| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS77C82 bảng dữ liệu(PDF) 38 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS77C82 bảng dữ liệu(HTML) 38 Page - Texas Instruments |
|
38 / 66 page ![]() Table 17. TMS370 Family Opcode/Instruction Map† MSN 01 2 3 4 5 6 7 8 9 A B C D E F 0 JMP #ra 2/7 INCW #ra,Rd 3/11 MOV Ps,A 2/8 CLRC / TST A 1/9 MOV A,B 1/9 MOV A,Rd 2/7 TRAP 15 1/14 LDST n 2/6 1 JN ra 2/5 MOV A,Pd 2/8 MOV B,Pd 2/8 MOV Rs,Pd 3/10 MOV Ps,B 2/7 MOV B,Rd 2/7 TRAP 14 1/14 MOV #ra[SP],A 2/7 2 JZ ra 2/5 MOV Rs,A 2/7 MOV #n,A 2/6 MOV Rs,B 2/7 MOV Rs,Rd 3/9 MOV #n,B 2/6 MOV B,A 1/8 MOV #n,Rd 3/8 MOV Ps,Rd 3/10 DEC A 1/8 DEC B 1/8 DEC Rd 2/6 TRAP 13 1/14 MOV A,*ra[SP] 2/7 3 JC ra 2/5 AND Rs,A 2/7 AND #n,A 2/6 AND Rs,B 2/7 AND Rs,Rd 3/9 AND #n,B 2/6 AND B,A 1/8 AND #n,Rd 3/8 AND A,Pd 2/9 AND B,Pd 2/9 AND #n,Pd 3/10 INC A 1/8 INC B 1/8 INC Rd 2/6 TRAP 12 1/14 CMP *n[SP],A 2/8 4 JP ra 2/5 OR Rs,A 2/7 OR #n,A 2/6 OR Rs,B 2/7 OR Rs,Rd 3/9 OR #n,B 2/6 OR B,A 1/8 OR #n,Rd 3/8 OR A,Pd 2/9 OR B,Pd 2/9 OR #n,Pd 3/10 INV A 1/8 INV B 1/8 INV Rd 2/6 TRAP 11 1/14 extend inst,2 opcodes L S N 5 JPZ ra 2/5 XOR Rs,A 2/7 XOR #n,A 2/6 XOR Rs,B 2/7 XOR Rs,Rd 3/9 XOR #n,B 2/6 XOR B,A 1/8 XOR #n,Rd 3/8 XOR A,Pd 2/9 XOR B,Pd 2/9 XOR #n,Pd 3/10 CLR A 1/8 CLR B 1/8 CLR Rn 2/6 TRAP 10 1/14 N 6 JNZ ra 2/5 BTJO Rs,A,ra 3/9 BTJO #n,A,ra 3/8 BTJO Rs,B,ra 3/9 BTJO Rs,Rd,ra 4/11 BTJO #n,B,ra 3/8 BTJO B,A,ra 2/10 BTJO #n,Rd,ra 4/10 BTJO A,Pd,ra 3/11 BTJO B,Pd,ra 3/10 BTJO #n,Pd,ra 4/11 XCHB A 1/10 XCHB A / TST B 1/10 XCHB Rn 2/8 TRAP 9 1/14 IDLE 1/6 7 JNC ra 2/5 BTJZ Rs.,A,ra 3/9 BTJZ #n,A,ra 3/8 BTJZ Rs,B,ra 3/9 BTJZ Rs,Rd,ra 4/11 BTJZ #n,B,ra 3/8 BTJZ B,A,ra 2/10 BTJZ #n,Rd,ra 4/10 BTJZ A,Pd,ra 3/10 BTJZ B,Pd,ra 3/10 BTJZ #n,Pd,ra 4/11 SWAP A 1/11 SWAP B 1/11 SWAP Rn 2/9 TRAP 8 1/14 MOV #n,Pd 3/10 8 JV ra 2/5 ADD Rs,A 2/7 ADD #n,A 2/6 ADD Rs,B 2/7 ADD Rs,Rd 3/9 ADD #n,B 2/6 ADD B,A 1/8 ADD #n,Rd 3/8 MOVW #16,Rd 4/13 MOVW Rs,Rd 3/12 MOVW #16[B],Rpd 4/15 PUSH A 1/9 PUSH B 1/9 PUSH Rd 2/7 TRAP 7 1/14 SETC 1/7 9 JL ra 2/5 ADC Rs,A 2/7 ADC #n,A 2/6 ADC Rs,B 2/7 ADC Rs,Rd 3/9 ADC #n,B 2/6 ADC B,A 1/8 ADC #n,Rd 3/8 JMPL lab 3/9 JMPL *Rp 2/8 JMPL *lab[B] 3/11 POP A 1/9 POP B 1/9 POP Rd 2/7 TRAP 6 1/14 RTS 1/9 A JLE ra 2/5 SUB Rs,A 2/7 SUB #n,A 2/6 SUB Rs,B 2/7 SUB Rs,Rd 3/9 SUB #n,B 2/6 SUB B,A 1/8 SUB #n,Rd 3/8 MOV & lab,A 3/10 MOV *Rp,A 2/9 MOV *lab[B],A 3/12 DJNZ A,#ra 2/10 DJNZ B,#ra 2/10 DJNZ Rd,#ra 3/8 TRAP 5 1/14 RTI 1/12 B JHS ra 2/5 SBB Rs,A 2/7 SBB #n,A 2/6 SBB Rs,B 2/7 SBB Rs,Rd 3/9 SBB #n,B 2/6 SBB B,A 1/8 SBB #n,Rd 3/8 MOV A, & lab 3/10 MOV A, *Rp 2/9 MOV A,*lab[B] 3/12 COMPL A 1/8 COMPL B 1/8 COMPL Rd 2/6 TRAP 4 1/14 PUSH ST 1/8 † All conditional jumps (opcodes 01 – 0F), BTJO, BTJZ, and DJNZ instructions use two additional cycles if the branch is taken. The BTJO, BTJZ, and DJNZ instructions have a relative address as the last operand. L |