công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS418160ADZ bảng dữ liệu(PDF) 9 Page - Texas Instruments

tên linh kiện TMS418160ADZ
Giải thích chi tiết về linh kiện  1048576 BY 16-BIT DYNAMIC RANDOM-ACCESS MEMORY
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS418160ADZ bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button TMS418160ADZ Datasheet HTML 5Page - Texas Instruments TMS418160ADZ Datasheet HTML 6Page - Texas Instruments TMS418160ADZ Datasheet HTML 7Page - Texas Instruments TMS418160ADZ Datasheet HTML 8Page - Texas Instruments TMS418160ADZ Datasheet HTML 9Page - Texas Instruments TMS418160ADZ Datasheet HTML 10Page - Texas Instruments TMS418160ADZ Datasheet HTML 11Page - Texas Instruments TMS418160ADZ Datasheet HTML 12Page - Texas Instruments TMS418160ADZ Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
TMS418160A
1048576 BY 16-BIT
DYNAMIC RANDOM-ACCESS MEMORY
SMKS891C – AUGUST 1996 – REVISED OCTOBER 1997
9
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
ac timing requirements (see Note 4) (continued)
’418160A - 50
’418160A - 60
’418160A - 70
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tCAH
Hold time, column address
10
10
15
ns
tDH
Hold time, data-in (see Note 9)
10
10
15
ns
tRAH
Hold time, row address
8
10
10
ns
tRCH
Hold time, read command referenced to xCAS (see Note 10)
0
0
0
ns
tRRH
Hold time, read command referenced to RAS (see Note 10)
0
0
0
ns
tWCH
Hold time, write command during xCAS active
(early-write only)
10
10
15
ns
tCLCH
Hold time, xCAS low to xCAS high
5
5
5
ns
tRHCP
Hold time, RAS active from xCAS precharge
30
35
40
ns
tOEH
Hold time, OE command
13
15
18
ns
tROH
Hold time, RAS referenced to OE
10
10
10
ns
tWRH
Hold time, write after RAS active (CBR refresh only)
10
10
10
ns
tCP
Delay time, xCAS precharge
8
10
10
ns
tAWD
Delay time, column address to write command
(read-write operation only)
48
55
63
ns
tCHR
Delay time, xCAS referenced to RAS (xCBR refresh only)
10
10
10
ns
tCRP
Delay time, xCAS precharge to RAS
5
5
5
ns
tCSH
Delay time, RAS active to xCAS precharge
50
60
70
ns
tCSR
Setup time, xCAS referenced to RAS (xCBR refresh only)
5
5
5
ns
tCWD
Delay time, xCAS to write command (read-write operation only)
36
40
46
ns
tOED
Delay time, OE to data in
13
15
18
ns
tRAD
Delay time, RAS to column address (see Note 11)
13
25
15
30
15
35
ns
tRAL
Delay time, column address to RAS precharge
25
30
35
ns
tCAL
Delay time, column address to xCAS precharge
25
30
35
ns
tRCD
Delay time, RAS to xCAS (see Note 11)
18
37
20
45
20
52
ns
tRPC
Delay time, RAS precharge to xCAS active
5
5
5
ns
tRSH
Delay time, xCAS active to RAS precharge
13
15
18
ns
tRWD
Delay time, RAS to write command (read-write operation only)
73
85
98
ns
tCPW
Delay time, xCAS precharge to write command
(read-write operation only)
53
60
68
ns
tREF
Refresh time interval
16
16
16
ms
tT
Transition time
2
30
2
30
2
30
ns
NOTES:
4. With ac parameters, it is assumed that tT = 5 ns.
9. Referenced to the later of xCAS or W in write operations
10. Either tRRH or tRCH must be satisfied for a read cycle.
11. The maximum value is specified only to assure access time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24