| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320LC548 bảng dữ liệu(PDF) 6 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320LC548 bảng dữ liệu(HTML) 6 Page - Texas Instruments |
|
6 / 111 page ![]() TMS320C54x, TMS320LC54x, TMS320VC54x FIXED-POINT DIGITAL SIGNAL PROCESSORS SPRS039C – FEBRUARY 1996 – REVISED DECEMBER 1999 6 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 VSS A10 A11 A12 A13 A14 A15 CVDD VSS CVDD READY PS DS IS R/W MSTRB IOSTRB MSC XF HOLDA HOLD BIO MP/MC 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 VSS TMS320LC543 PZ PACKAGE† (TOP VIEW) IAQ D5 D4 D3 D2 D1 D0 RS X2/CLKIN X1 VSS CVDD VSS TMS TCK TRST TDI TDO EMU1/OFF EMU0 TOUT CLKMD3 CLKMD2 CLKMD1 CLKOUT CNT † DVDD is the power supply for the I/O pins while CVDD is the power supply for the core CPU, and VSS is the ground for both the I/O pins and the core CPU. The ’54x signal descriptions table lists each terminal name, function, and operating mode(s) for the TMS320LC543PZ (100-pin TQFP package). For the ’LC543 (100-pin TQFP package), the letter B in front of CLKR, FSR, DR, CLKX, FSX, and DX denotes buffered serial port (BSP). The letter T in front of CLKR, FSR, DR, CLKX, FSX, and DX denotes time-division multiplexed (TDM) serial port. |