| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS-2B bảng dữ liệu(PDF) 2 Page - IRC - a TT electronics Company. |
|
|
|||||||||||||||||||||||||||||
AS-2B bảng dữ liệu(HTML) 2 Page - IRC - a TT electronics Company. |
|
2 / 3 page ![]() • 4222 South Staples Street • Corpus Christi Texas 78411 USA Wire and Film Technologies Division Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com Semi-Precision Power Wirewound Resistor Physical Data IRC Type A±0.032 B (max) C (max) D (Lead Diameter) AS-1/4 0.250 (6.4) 0.094 (2.4) 0.312 (7.9) 0.020 (0.5) AS-1/2 0.312 (7.9) 0.094 (2.4) 0.375 (9.5) 0.020 (0.5) AS-1 0.367 (9.3) 0.125 (3.2) 0.429 (10.9) 0.020 (0.5) 0.025 (0.64) AS-1C 0.256 (6.5) 0.115 (2.9) 0.303 (7.7) 0.025 (0.64) 0.032 (0.8) AS-2 0.480 (12.2) 0.250 (6.3) 0.600 (15.2) 0.032 (0.8) AS-2B 0.540 (13.7) 0.219 (5.6) 0.663 (16.6) 0.032 (0.8) AS-2C 0.489 (11.0) 0.157 (4.0) 0.594 (15.1) 0.032 (0.8) AS-3 0.687 (17.5) 0.282 (7.2) 0.812 (20.6) 0.040 (1.0) AS-5 0.875 (22.2) 0.344 (8.8) 0.980 (24.9) 0.040 (1.0) AS-7 1.250 (31.8) 0.344 (8.8) 1.375 (35.0) 0.040 (1.0) AS-10 1.812 (46.0) 0.385 (9.8) 1.937 (49.2) 0.040 (1.0) A C 1.50 MIN. (38.1) B D AS Series Issue August 2008 Sheet 2 of 3 Please note lead length dimension change on the following two items only: AS-2B 1.3 min. AS-2C 1.3 min. NOTE: • Coating and marking is resistant to normal degreasing. Consult factory for special requirements. |