công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C6201 bảng dữ liệu(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320C6201
Giải thích chi tiết về linh kiện  DIGITAL SIGNAL PROCESSORS
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6201 bảng dữ liệu(HTML) 39 Page - Texas Instruments

Back Button TMS320C6201 Datasheet HTML 35Page - Texas Instruments TMS320C6201 Datasheet HTML 36Page - Texas Instruments TMS320C6201 Datasheet HTML 37Page - Texas Instruments TMS320C6201 Datasheet HTML 38Page - Texas Instruments TMS320C6201 Datasheet HTML 39Page - Texas Instruments TMS320C6201 Datasheet HTML 40Page - Texas Instruments TMS320C6201 Datasheet HTML 41Page - Texas Instruments TMS320C6201 Datasheet HTML 42Page - Texas Instruments TMS320C6201 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 75 page
background image
TMS320C6201, TMS320C6201B
DIGITAL SIGNAL PROCESSORS
SPRS051F – JANUARY 1997 – REVISED AUGUST 1999
39
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
SYNCHRONOUS-BURST MEMORY TIMING (CONTINUED)
timing requirements for synchronous-burst SRAM cycles (half-rate SSCLK)
(see Figure 17) (’C6201B)
NO
’C6201B-200
’C6201B-233
UNIT
NO.
MIN
MAX
MIN
MAX
UNIT
7
tsu(EDV-SSCLKH)
Setup time, read EDx valid before SSCLK high
2.5
1.1
ns
8
th(SSCLKH-EDV)
Hold time, read EDx valid after SSCLK high
1.5
1.5
ns
switching characteristics for synchronous-burst SRAM cycles† (half-rate SSCLK)
(see Figure 17 and Figure 18) (’C6201B)
NO
PARAMETER
’C6201B-200
’C6201B-233
UNIT
NO.
PARAMETER
MIN
MAX
MIN
MAX
UNIT
1
tosu(CEV-SSCLKH)
Output setup time, CEx valid before SSCLK high
1.5P – 3
1.5P – 2.2
ns
2
toh(SSCLKH-CEV)
Output hold time, CEx valid after SSCLK high
0.5P – 1.5
0.5P – 1.1
ns
3
tosu(BEV-SSCLKH)
Output setup time, BEx valid before SSCLK high
1.5P – 3
1.5P – 2.2
ns
4
toh(SSCLKH-BEIV)
Output hold time, BEx invalid after SSCLK high
0.5P – 1.5
0.5P – 1.1
ns
5
tosu(EAV-SSCLKH)
Output setup time, EAx valid before SSCLK high
1.5P – 3
1.5P – 2.2
ns
6
toh(SSCLKH-EAIV)
Output hold time, EAx invalid after SSCLK high
0.5P – 1.5
0.5P – 1.1
ns
9
tosu(ADSV-SSCLKH)
Output setup time, SSADS valid before SSCLK
high
1.5P – 3
1.5P – 2.2
ns
10
toh(SSCLKH-ADSV)
Output hold time, SSADS valid after SSCLK high
0.5P – 1.5
0.5P – 1.1
ns
11
tosu(OEV-SSCLKH)
Output setup time, SSOE valid before SSCLK
high
1.5P – 3
1.5P – 2.2
ns
12
toh(SSCLKH-OEV)
Output hold time, SSOE valid after SSCLK high
0.5P – 1.5
0.5P – 1.1
ns
13
tosu(EDV-SSCLKH)
Output setup time, EDx valid before SSCLK high
1.5P – 3
1.5P – 2.2
ns
14
toh(SSCLKH-EDIV)
Output hold time, EDx invalid after SSCLK high
0.5P – 1.5
0.5P – 1.1
ns
15
tosu(WEV-SSCLKH)
Output setup time, SSWE valid before SSCLK
high
1.5P – 3
1.5P – 2.2
ns
16
toh(SSCLKH-WEV)
Output hold time, SSWE valid after SSCLK high
0.5P – 1.5
0.5P – 1.1
ns
† When the PLL is used (CLKMODE x4), P = 1/CPU clock frequency in ns. For example, when running parts at 200 MHz, use P = 5 ns.
For CLKMODE x1:
1.5P = P + PH, where P = 1/CPU clock frequency, and PH = pulse duration of CLKIN high.
0.5P = PL, where PL = pulse duration of CLKIN low.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com